Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL201-TB Datasheet(PDF) 3 Page - Won-Top Electronics

Part # RL201-TB
Description  2.0A STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RL201-TB Datasheet(HTML) 3 Page - Won-Top Electronics

  RL201-TB Datasheet HTML 1Page - Won-Top Electronics RL201-TB Datasheet HTML 2Page - Won-Top Electronics RL201-TB Datasheet HTML 3Page - Won-Top Electronics RL201-TB Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RL201 – RL207
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
4,000
370 x 370 x 420
20,000
12.0
TAPE & BOX
255 x 75 x 150
3,000
400 x 273 x 415
30,000
15.0
BULK
200 x 85 x 25
1,000
459 x 214 x 256
40,000
17.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
Cathode
= Polarity Band
RL20x
= Device Number
x
= 1, 2, 3, 4, 5, 6 or 7
WTE
= Manufacturer’s Logo
RL20 x
WTE
0.8mm
MAX
5mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
200mm
85mm
25mm


Similar Part No. - RL201-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RL201-TB WTE-RL201-TB Datasheet
40Kb / 3P
   2.0A SILICON RECTIFIER
More results

Similar Description - RL201-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RL208 WTE-RL208 Datasheet
45Kb / 4P
   2.0A HIGH VOLTAGE STANDARD DIODE
S2A WTE-S2A_06 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S2AA WTE-S2AA Datasheet
47Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
TAITRON Components Inco...
T2A05 TAITRON-T2A05 Datasheet
204Kb / 4P
   2.0A Standard Rectifier
logo
Won-Top Electronics
HER201 WTE-HER201_06 Datasheet
58Kb / 4P
   2.0A ULTRAFAST DIODE
SF21 WTE-SF21_06 Datasheet
58Kb / 4P
   2.0A SUPERFAST DIODE
logo
Zibo Seno Electronic En...
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
FR201 WTE-FR201_06 Datasheet
54Kb / 4P
   2.0A FAST RECOVERY DIODE
SR220 WTE-SR220_06 Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SB220 ZSELEC-SB220 Datasheet
138Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com