Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5A Datasheet(PDF) 4 Page - Won-Top Electronics

Part # S5A
Description  5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

S5A Datasheet(HTML) 4 Page - Won-Top Electronics

  S5A Datasheet HTML 1Page - Won-Top Electronics S5A Datasheet HTML 2Page - Won-Top Electronics S5A Datasheet HTML 3Page - Won-Top Electronics S5A Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S5A – S5M
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
S5A-T3
SMC
3000/Tape & Reel
S5B-T3
SMC
3000/Tape & Reel
S5D-T3
SMC
3000/Tape & Reel
S5G-T3
SMC
3000/Tape & Reel
S5J-T3
SMC
3000/Tape & Reel
S5K-T3
SMC
3000/Tape & Reel
S5M-T3
SMC
3000/Tape & Reel
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, S5A-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - S5A

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
S5A BYTESONIC-S5A Datasheet
285Kb / 3P
   5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Micro Commercial Compon...
S5A MCC-S5A Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
DIOTEC Electronics Corp...
S5A DEC-S5A Datasheet
793Kb / 2P
   For surface mounted applications
logo
Taiwan Memory Technolog...
S5A TMT-S5A Datasheet
359Kb / 4P
   5A, 50V - 1000V Surface Mount Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S5A YFWDIODE-S5A Datasheet
437Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S5A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GF5A ZSELEC-GF5A Datasheet
56Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
GS5A ZSELEC-GS5A Datasheet
89Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S5ABF ZSELEC-S5ABF Datasheet
96Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S5A ZSELEC-S5A Datasheet
91Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Diodes Incorporated
S5DC-13 DIODES-S5DC-13 Datasheet
111Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5GC-13-F DIODES-S5GC-13-F Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5GC-13 DIODES-S5GC-13 Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5AC DIODES-S5AC_15 Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5AC DIODES-S5AC_10 Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 9 - 2
S5AC DIODES-S5AC_1 Datasheet
82Kb / 3P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 7 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com