Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29NS512P Datasheet(PDF) 10 Page - SPANSION

Part # S29NS512P
Description  MirrorBit Flash Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS512P Datasheet(HTML) 10 Page - SPANSION

Back Button S29NS512P Datasheet HTML 6Page - SPANSION S29NS512P Datasheet HTML 7Page - SPANSION S29NS512P Datasheet HTML 8Page - SPANSION S29NS512P Datasheet HTML 9Page - SPANSION S29NS512P Datasheet HTML 10Page - SPANSION S29NS512P Datasheet HTML 11Page - SPANSION S29NS512P Datasheet HTML 12Page - SPANSION S29NS512P Datasheet HTML 13Page - SPANSION S29NS512P Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
10
S29NS-P MirrorBitTM Flash Family
S29NS-P_00_A1 February 20, 2007
Data
Sheet
(Adv an ce
Inf o r m a t io n)
4.
Physical Dimensions/Connection Diagrams
This section shows the I/O designations and package specifications for the OPN.
4.1
Related Documents
The following documents contain information relating to the S29NS-P devices. Click on the title or go to
www.spansion.com, or request a copy from your sales office.
Considerations for X-ray Inspection of Surface-Mounted Flash Integrated Circuits
4.2
Special Handling Instructions for FBGA Package
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning methods. The
package and/or data integrity may be compromised if the package body is exposed to temperatures above
150°C for prolonged periods of time.
64-Ball Fine-Pitch Grid Array,
S29NS512P
Figure 4.1 64-Ball Very Thin Fine-Pitch Ball Grid Array, S29NS512P Top View, Balls Facing Down
Figure 2.1.
3
29
10
5
47
68
1
13
12
14
11
nc
nc
B
D
E
F
G
H
J
K
A
C
DNU
F-VCC
A25
F-VSS
DNU
F-VCC
A24
F-VSS
DNU
DNU
F-RDY
F-ACC
A19
F-VSS
A21
F-VCC
F-CLK
F-WE#
A22
A17
F-VCCQ
F-WP#
A18
A20
A16
A23
F-ADV#
F-RST#
F-VSSQ
F-CE#
F-VSS
A/DQ2
A/DQ9
A/DQ6
A/DQ7
A/DQ12
A/DQ13
A/DQ3
F-OE#
A/DQ8
A/DQ15
A/DQ10
F-VCCQ
F-VSSQ
A/DQ14
A/DQ4
A/DQ5
A/DQ11
A/DQ0
A/DQ1
DNU
F-VCCQ
DNU
DNU
DNU
F-VSSQ
F-VCCQ
DPD
DNU
DNU
nc
nc
Legend
Flash Only
No Connect
Reserved for
Future Use
Do Not Use


Similar Part No. - S29NS512P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29NS-J SPANSION-S29NS-J Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS-J SPANSION-S29NS-J_07 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
More results

Similar Description - S29NS512P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com