Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1G Datasheet(PDF) 1 Page - Won-Top Electronics

Part # S1G
Description  1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

S1G Datasheet(HTML) 1 Page - Won-Top Electronics

  S1G Datasheet HTML 1Page - Won-Top Electronics S1G Datasheet HTML 2Page - Won-Top Electronics S1G Datasheet HTML 3Page - Won-Top Electronics S1G Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S1A – S1M
1 of 4
© 2006 Won-Top Electronics
Pb
S1A – S1M
1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
Features
!
Glass Passivated Die Construction
!
Ideally Suited for Automatic Assembly
B
!
Low Forward Voltage Drop
!
Surge Overload Rating to 30A Peak
D
!
Low Power Loss
A
!
Built-in Strain Relief
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
                             E
Mechanical Data
!
Case: SMB/DO-214AA, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.093 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
S1A
S1B
S1D
S1G
S1J
S1K
S1M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TL = 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
200
µA
Reverse Recovery Time (Note 1)
trr
2.5
µS
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance (Note 3)
RJL
30
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A,
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
WTE
POWER SEMICONDUCTORS
SMB/DO-214AA
Dim
Min
Max
A
3.30
3.94
B
4.06
4.70
C
1.91
2.11
D
0.152
0.305
E
5.08
5.59
F
2.13
2.44
G
0.051
0.203
H
0.76
1.27
All Dimensions in mm


Similar Part No. - S1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1G PANJIT-S1G Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
S1G DIOTEC-S1G Datasheet
160Kb / 3P
   Standard Recovery SMD Rectifier Diodes
logo
EIC discrete Semiconduc...
S1G EIC-S1G Datasheet
52Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Micro Commercial Compon...
S1G MCC-S1G Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
logo
Vishay Siliconix
S1G VISHAY-S1G Datasheet
93Kb / 4P
   Surface-Mount Glass Passivated Rectifier
01-Jan-2022
More results

Similar Description - S1G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GS1A WTE-GS1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Zibo Seno Electronic En...
DSR0.3A ZSELEC-DSR0.3A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
GS1000FL ZSELEC-GS1000FL Datasheet
139Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
DSR1A ZSELEC-DSR1A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
1N4001W ZSELEC-1N4001W Datasheet
140Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
logo
Won-Top Electronics
1N4001G WTE-1N4001G_06 Datasheet
61Kb / 4P
   1.0A GLASS PASSIVATED STANDARD DIODE
logo
Zibo Seno Electronic En...
EGF1A ZSELEC-EGF1A Datasheet
150Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
ER1A WTE-ER1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES1A WTE-ES1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
US1A WTE-US1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com