Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS05C1HGCA Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # BS05C1HGCA
Description  Magnetic Pattern Recognition Sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BS05C1HGCA Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button BS05C1HGCA Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BS05C1HGCA Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BS05C1HGCA Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BS05C1HGCA Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BS05C1HGCA Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BS05C1HGCA Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BS05C1HGCA Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BS05C1HGCA Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BS05C1HGCA Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ISO 9000 Certifications/Part Numbering
9
3
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Plant
Kanazawa Murata Mfg. Co., Ltd.
Includes Nishikanazawa factory
Certified Date
Nov. 25,1992
Organization
Reliability Center for Electronic Components of Japan
Registration No.
RCJ-92M-10
Manufacturer's of the products in this catalog have obtained the ISO 9000 quality system certificate.
o Part Numbering
(Part Number)
qProduct ID
wType
eCharacteristics
rIndividual Specification Code
Magnetic Pattern Recognition Sensors
* "(Part Number)" shows only an example which might be different
from actual part number.
* Any other definitions than "
qProduct ID" might have different digit
number from actual part number.
e
1KFAB
w
05W
q
BS
r
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
S31E4.pdf 04.8.30


Similar Part No. - BS05C1HGCA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
BS05 YIXIN-BS05 Datasheet
116Kb / 2P
   1.0 A Single-Phase Glass Passivated Bridge Rectifiers
logo
Xtaltq Technologies Co....
BS0503C XTALTQ-BS0503C Datasheet
314Kb / 2P
   SMD Package (5.0×3.2mm)
April 10,2023
BS0503CD3I505XN50 XTALTQ-BS0503CD3I505XN50 Datasheet
314Kb / 2P
   SMD Package (5.0×3.2mm)
April 10,2023
BS0507A XTALTQ-BS0507A Datasheet
253Kb / 2P
   Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
BS0507AD3I505CN20 XTALTQ-BS0507AD3I505CN20 Datasheet
253Kb / 2P
   Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
More results

Similar Description - BS05C1HGCA

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
TMR6209 MULTIDIMENSION-TMR6209 Datasheet
531Kb / 5P
   9 ChannelsTMR Magnetic Pattern Recognition Sensor
REVISED 03/2019
TMR6218XA MULTIDIMENSION-TMR6218XA Datasheet
774Kb / 6P
   18 ChannelsTMR Magnetic Pattern Recognition Sensor
REVISED 08/2018
TMR6403A MULTIDIMENSION-TMR6403A Datasheet
769Kb / 5P
   3 Channels TMR Magnetic Pattern Recognition Sensor
REVISED 05/2019
TMR6404X MULTIDIMENSION-TMR6404X Datasheet
488Kb / 5P
   4 Channels TMR Magnetic Pattern Recognition Sensor
REVISED 08/2018
TMR6401C MULTIDIMENSION-TMR6401C Datasheet
494Kb / 4P
   Single Channel TMR Magnetic Pattern Recognition Sensor
REVISED 08/2018
TMR6406X MULTIDIMENSION-TMR6406X Datasheet
551Kb / 5P
   6 Channels TMR Magnetic Pattern Recognition Sensor
REVISED 08/2018
TMR6501 MULTIDIMENSION-TMR6501 Datasheet
412Kb / 5P
   Single Channel TMR Magnetic Pattern Recognition Sensor
REVISED 08/2018
TMR6206L MULTIDIMENSION-TMR6206L Datasheet
439Kb / 5P
   6 Channels TMR Magnetic Pattern Recognition Sensor
REVISED 07/2019
TMR6212LA MULTIDIMENSION-TMR6212LA Datasheet
551Kb / 5P
   12 Channels TMR Magnetic Pattern Recognition Sensor
REVISED 08/2018
TMR6401 MULTIDIMENSION-TMR6401 Datasheet
499Kb / 5P
   Single Channel TMR Magnetic Pattern Recognition Sensor
REVISED 08/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com