Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHYB67134CM Datasheet(PDF) 2 Page - International Rectifier

Part # IRHYB67134CM
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHYB67134CM Datasheet(HTML) 2 Page - International Rectifier

  IRHYB67134CM Datasheet HTML 1Page - International Rectifier IRHYB67134CM Datasheet HTML 2Page - International Rectifier IRHYB67134CM Datasheet HTML 3Page - International Rectifier IRHYB67134CM Datasheet HTML 4Page - International Rectifier IRHYB67134CM Datasheet HTML 5Page - International Rectifier IRHYB67134CM Datasheet HTML 6Page - International Rectifier IRHYB67134CM Datasheet HTML 7Page - International Rectifier IRHYB67134CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHYB67134CM
Pre-Irradiation
2
www.irf.com
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
19
ISM
Pulse Source Current (Body Diode)
À
——
76
VSD Diode Forward Voltage
1.2
V
Tj = 25°C, IS = 19A, VGS = 0V Ã
trr
Reverse Recovery Time
— 300
ns
Tj = 25°C, IF = 19A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
2.6
µCVDD ≤ 25V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
150
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown —
0.19
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.09
VGS = 12V, ID = 12A
Resistance
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
12
S ( )
VDS = 15V, IDS = 12A Ã
IDSS
Zero Gate Voltage Drain Current
10
VDS= 120V ,VGS=0V
——
25
VDS = 120V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
50
VGS =12V, ID = 19A
Qgs
Gate-to-Source Charge
15
nC
VDS = 75V
Qgd
Gate-to-Drain (‘Miller’) Charge
18
td(on)
Turn-On Delay Time
20
VDD = 75V, ID = 19A
tr
Rise Time
30
VGS =12V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
35
tf
Fall Time
25
LS + LD
Total Inductance
6.8
Measured from Drain lead (6mm /
0.25in. from package) to Source lead
(
6mm /0.25in. from package)
Ciss
Input Capacitance
1540
VGS = 0V, VDS = 25V
Coss
Output Capacitance
240
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
5.2
Rg
Internal Gate Resistance
1.1
f = 1.0MHz, open drain
nA
Ã
nH
ns
µA
Note: Corresponding Spice and Saber models are available on International Rectifier Web site.
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction-to-Case
1.67
RthJA
Junction-to-Ambient
80
Typical Socket Mount
°C/W


Similar Part No. - IRHYB67134CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYB67134CM IRF-IRHYB67134CM Datasheet
194Kb / 9P
   Simple Drive Requirements
IRHYB67134CM IRF-IRHYB67134CM_15 Datasheet
194Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHYB67134CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYS67130CM IRF-IRHYS67130CM Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB597Z30CM IRF-IRHYB597Z30CM Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB67130CM IRF-IRHYB67130CM Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS67134CM IRF-IRHYS67134CM Datasheet
190Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS597034CM IRF-IRHYS597034CM Datasheet
200Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS597Z30CM IRF-IRHYS597Z30CM Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS67230CM IRF-IRHYS67230CM Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS67234CM IRF-IRHYS67234CM Datasheet
192Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB67230CM IRF-IRHYB67230CM Datasheet
135Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB597034CM IRF-IRHYB597034CM Datasheet
191Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com