Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JB0 Datasheet(PDF) 4 Page - SPANSION

Part # S71PL129JB0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JB0 Datasheet(HTML) 4 Page - SPANSION

  S71PL129JB0 Datasheet HTML 1Page - SPANSION S71PL129JB0 Datasheet HTML 2Page - SPANSION S71PL129JB0 Datasheet HTML 3Page - SPANSION S71PL129JB0 Datasheet HTML 4Page - SPANSION S71PL129JB0 Datasheet HTML 5Page - SPANSION S71PL129JB0 Datasheet HTML 6Page - SPANSION S71PL129JB0 Datasheet HTML 7Page - SPANSION S71PL129JB0 Datasheet HTML 8Page - SPANSION S71PL129JB0 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 153 page
background image
2
S71PL129JC0/S71PL129JB0/S71PL129JA0
S71PL129Jxx_00_A8 October 28, 2005
Advance
Info rmation
Product Selector Guide
128 Mb Flash Memory
Device-Model#
pSRAM density
Flash Access time (ns) (p)SRAM Access time (ns) pSRAM type
Package
S71PL129JA0-9P
16M pSRAM
65
70
Type 7
TLA064
S71PL129JB0-9Z
32M pSRAM
65
70
Type 7
TLA064
S71PL129JB0-9B
32M pSRAM
65
70
Type 2
TLA064
S71PL129JB0-9U
32M pSRAM
65
70
Type 6
TLA064
S71PL129JC0-9B
64M pSRAM
65
70
Type 2
TLA064
S71PL129JC0-9Z
64M pSRAM
65
70
Type 7
TLA064
S71PL129JC0-9U
64M pSRAM
65
70
Type 6
TLA064


Similar Part No. - S71PL129JB0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL129JB0 SPANSION-S71PL129JB0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JB0BAI9B0 SPANSION-S71PL129JB0BAI9B0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JB0BAI9B2 SPANSION-S71PL129JB0BAI9B2 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JB0BAI9B3 SPANSION-S71PL129JB0BAI9B3 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JB0BAI9P0 SPANSION-S71PL129JB0BAI9P0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
More results

Similar Description - S71PL129JB0

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN71NS128B0 EON-EN71NS128B0_11 Datasheet
259Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
EN71NS128C0 EON-EN71NS128C0 Datasheet
250Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 64 Megabit (4M x 16-bit) Pseudo Static RAM
EN71PL032A0 EON-EN71PL032A0_1 Datasheet
424Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
logo
SPANSION
S71WS512NE0BFWZZ SPANSION-S71WS512NE0BFWZZ Datasheet
2Mb / 142P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM CMOS 1.8 Volt
logo
ATMEL Corporation
AT49SN12804 ATMEL-AT49SN12804 Datasheet
397Kb / 41P
   128-megabit (8M x 16) Burst/Page Mode 1.8-volt Flash Memory
logo
Eon Silicon Solution In...
EN71NS032A0 EON-EN71NS032A0 Datasheet
286Kb / 10P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
EN71GL064B0 EON-EN71GL064B0 Datasheet
332Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 64 Megabit (4M x 16-bit) CMOS 3.0 Volt-only Page Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com