Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB660CT Datasheet(PDF) 4 Page - Won-Top Electronics

Part # SB660CT
Description  6.0A DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB660CT Datasheet(HTML) 4 Page - Won-Top Electronics

  SB660CT Datasheet HTML 1Page - Won-Top Electronics SB660CT Datasheet HTML 2Page - Won-Top Electronics SB660CT Datasheet HTML 3Page - Won-Top Electronics SB660CT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SB620CT – SB660CT
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SB620CT
TO-220
50 Units/Tube
SB630CT
TO-220
50 Units/Tube
SB640CT
TO-220
50 Units/Tube
SB650CT
TO-220
50 Units/Tube
SB660CT
TO-220
50 Units/Tube
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, SB620CT-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SB660CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB660CT PANJIT-SB660CT Datasheet
91Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 60 Volts CURRENT - 6 Ampere)
SB660CT PANJIT-SB660CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB660CT PACELEADER-SB660CT Datasheet
270Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB660CT PANJIT-SB660CT Datasheet
90Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB660CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB620FCT WTE-SB620FCT Datasheet
60Kb / 4P
   6.0A DUAL SCHOTTKY BARRIER RECTIFIER
SB620F WTE-SB620F Datasheet
61Kb / 4P
   6.0A SCHOTTKY BARRIER RECTIFIER
SB620 WTE-SB620 Datasheet
62Kb / 4P
   6.0A SCHOTTKY BARRIER RECTIFIER
SD620CS WTE-SD620CS Datasheet
45Kb / 3P
   6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBLF1640CT VISHAY-SBLF1640CT Datasheet
44Kb / 3P
   Dual Schottky Barrier Rectifier
11-Feb-02
MBR1535CT VISHAY-MBR1535CT Datasheet
55Kb / 3P
   Dual Schottky Barrier Rectifier
01-Jul-02
MBR20HXX VISHAY-MBR20HXX Datasheet
85Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
MBR40H60PT VISHAY-MBR40H60PT Datasheet
34Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
logo
Diodes Incorporated
LT6A01 DIODES-LT6A01 Datasheet
52Kb / 2P
   6.0A RECTIFIER
DS28008 Rev. G-3
logo
Won-Top Electronics
S16D30C WTE-S16D30C Datasheet
81Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com