Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE56C Datasheet(PDF) 5 Page - Won-Top Electronics

Part # P6KE56C
Description  600W TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P6KE56C Datasheet(HTML) 5 Page - Won-Top Electronics

  P6KE56C Datasheet HTML 1Page - Won-Top Electronics P6KE56C Datasheet HTML 2Page - Won-Top Electronics P6KE56C Datasheet HTML 3Page - Won-Top Electronics P6KE56C Datasheet HTML 4Page - Won-Top Electronics P6KE56C Datasheet HTML 5Page - Won-Top Electronics P6KE56C Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P6KE SERIES
5 of 6
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
4,000
370 x 370 x 420
20,000
12.0
TAPE & BOX
255 x 75 x 150
3,000
400 x 273 x 415
30,000
15.0
BULK
200 x 85 x 25
1,000
459 x 214 x 256
40,000
17.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
P6 K E x x
WTE
0.8mm
MAX
5mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
200mm
85mm
25mm
Cathode
= Polarity Band Except
= Bi-Directional Types
P6KExx
= Device Number
WTE
= Manufacturer’s Logo


Similar Part No. - P6KE56C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE56C PANJIT-P6KE56C Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
New Jersey Semi-Conduct...
P6KE56C NJSEMI-P6KE56C Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Anova Technologies CO.,...
P6KE56C ANOVA-P6KE56C Datasheet
267Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Surge Components
P6KE56C SURGE-P6KE56C Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
SUNMATE electronic Co.,...
P6KE56C SUNMATE-P6KE56C Datasheet
71Kb / 4P
   600W Axial Lead Transient Voltage Suppessors
More results

Similar Description - P6KE56C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com