Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB880 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # SB880
Description  8.0A SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB880 Datasheet(HTML) 4 Page - Won-Top Electronics

  SB880 Datasheet HTML 1Page - Won-Top Electronics SB880 Datasheet HTML 2Page - Won-Top Electronics SB880 Datasheet HTML 3Page - Won-Top Electronics SB880 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SB820 – SB8100
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SB820
TO-220A
50 Units/Tube
SB830
TO-220A
50 Units/Tube
SB840
TO-220A
50 Units/Tube
SB845
TO-220A
50 Units/Tube
SB850
TO-220A
50 Units/Tube
SB860
TO-220A
50 Units/Tube
SB880
TO-220A
50 Units/Tube
SB8100
TO-220A
50 Units/Tube
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, SB820-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SB880

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB880 PANJIT-SB880 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
logo
Nanjing International G...
SB880 DGNJDZ-SB880 Datasheet
379Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Transys Electronics
SB880 TRSYS-SB880 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SB880 DGNJDZ-SB880 Datasheet
379Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB880 WTE-SB880 Datasheet
37Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB880

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL830 DIODES-SBL830_1 Datasheet
75Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS23044 Rev. 4 - 2
logo
Won-Top Electronics
SB820F WTE-SB820F_06 Datasheet
50Kb / 4P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR860 KERSEMI-MBR860 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
MBR830 KERSEMI-MBR830 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
MBR835 KERSEMI-MBR835 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB820 WTE-SB820 Datasheet
37Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR870L DIODES-MBR870L Datasheet
63Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30029 Rev. B-4
MBR830 DIODES-MBR830 Datasheet
64Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
Won-Top Electronics
SB820FCT WTE-SB820FCT Datasheet
49Kb / 4P
   8.0A DUAL SCHOTTKY BARRIER RECTIFIER
SB820CT WTE-SB820CT Datasheet
50Kb / 4P
   8.0A DUAL SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com