Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB850F Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SB850F
Description  8.0A SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB850F Datasheet(HTML) 3 Page - Won-Top Electronics

  SB850F Datasheet HTML 1Page - Won-Top Electronics SB850F Datasheet HTML 2Page - Won-Top Electronics SB850F Datasheet HTML 3Page - Won-Top Electronics SB850F Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SB820F – SB8100F
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
525 x 31 x 6
50
555 x 145 x 95
2,000
572 x 306 x 218
8,000
19.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Note: 1. Anti-static tube, water clear color.
BULK
Plain Washer
Rectifier
Heatsink
Conical Washer
6-32 HEX Nut
The full molded plastic package affords a
major reduction of hardware as compared
to a standard TO-220 package. However,
precautions should be made in mounting
procedure.
A conical washer should be used to apply
proper force to the device. Screw should
not be tightened with any type of air-forced
torque or equipment that may cause crack
on device package.
A layer of thermal grease or thermal pad in
the interface will be considerably helpful for
heat dissipation.
6-32 HEX Head Screw
WTE
SB8xxF
WTE
= Manufacturer’s Logo
SB8xxF
= Device Number
xx
= 20, 30, 40, 45, 50, 60, 80 or 100
Polarity
= As Marked on Body


Similar Part No. - SB850F

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB850F TRSYS-SB850F Datasheet
147Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB850F WTE-SB850F Datasheet
39Kb / 3P
   8.0A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB850F PACELEADER-SB850F Datasheet
308Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB850F PANJIT-SB850F Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB850FCT PANJIT-SB850FCT Datasheet
42Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
More results

Similar Description - SB850F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL830 DIODES-SBL830_1 Datasheet
75Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS23044 Rev. 4 - 2
logo
Won-Top Electronics
SB820 WTE-SB820_06 Datasheet
50Kb / 4P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR860 KERSEMI-MBR860 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
MBR830 KERSEMI-MBR830 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
MBR835 KERSEMI-MBR835 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB820 WTE-SB820 Datasheet
37Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR870L DIODES-MBR870L Datasheet
63Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30029 Rev. B-4
MBR830 DIODES-MBR830 Datasheet
64Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
Won-Top Electronics
SB820FCT WTE-SB820FCT Datasheet
49Kb / 4P
   8.0A DUAL SCHOTTKY BARRIER RECTIFIER
SB820CT WTE-SB820CT Datasheet
50Kb / 4P
   8.0A DUAL SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com