Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56-11SRWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # SA56-11SRWA
Description  14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA56-11SRWA Datasheet(HTML) 3 Page - Kingbright Corporation

  SA56-11SRWA Datasheet HTML 1Page - Kingbright Corporation SA56-11SRWA Datasheet HTML 2Page - Kingbright Corporation SA56-11SRWA Datasheet HTML 3Page - Kingbright Corporation SA56-11SRWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAC0814
REV NO: V.11
DATE: NOV/02/2006
PAGE: 3 OF 4
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: H.Q.YUAN
ERP: 1301000571
Super Bright Red
SA56-11SRWA


Similar Part No. - SA56-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA56-11SURKWA KINGBRIGHT-SA56-11SURKWA Datasheet
348Kb / 6P
   14.22mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SYKWA KINGBRIGHT-SA56-11SYKWA Datasheet
347Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA56-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA56-51PBWA-A KINGBRIGHT-SA56-51PBWA-A Datasheet
209Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA_07 Datasheet
189Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SURKWA KINGBRIGHT-SC56-11SURKWA Datasheet
349Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
62Kb / 3P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11YWA KINGBRIGHT-SC56-11YWA Datasheet
188Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11GWA KINGBRIGHT-SA56-11GWA Datasheet
187Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-21YWA KINGBRIGHT-SA56-21YWA_11 Datasheet
226Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-21GWA KINGBRIGHT-SC56-21GWA_11 Datasheet
225Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11CGKWA KINGBRIGHT-SA56-11CGKWA Datasheet
348Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SYKWA KINGBRIGHT-SA56-11SYKWA Datasheet
347Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com