Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF22 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SF22
Description  2.0A SUPERFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF22 Datasheet(HTML) 3 Page - Won-Top Electronics

  SF22 Datasheet HTML 1Page - Won-Top Electronics SF22 Datasheet HTML 2Page - Won-Top Electronics SF22 Datasheet HTML 3Page - Won-Top Electronics SF22 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SF21 – SF27
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
4,000
370 x 370 x 420
20,000
12.0
TAPE & BOX
255 x 75 x 150
3,000
400 x 273 x 415
30,000
15.0
BULK
200 x 85 x 25
1,000
459 x 214 x 256
40,000
17.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
Cathode
= Polarity Band
SF2x
= Device Number
x
= 1, 2, 3, 4, 5, 6 or 7
WTE
= Manufacturer’s Logo
SF2x
WTE
0.8mm
MAX
5mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
200mm
85mm
25mm


Similar Part No. - SF22

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF22 MOSPEC-SF22 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
First Silicon Co., Ltd
SF22 FS-SF22 Datasheet
490Kb / 2P
   Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 2.0Amp
logo
Diotech Company.
SF22 DIOTECH-SF22 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Leshan Radio Company
SF22 LRC-SF22 Datasheet
55Kb / 2P
   SUPER FAST DIODES
logo
Shanghai Shunye Electro...
SF22 SHUNYE-SF22 Datasheet
233Kb / 2P
   SUPER FAST RECTIFIER
More results

Similar Description - SF22

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ES2AW ZSELEC-ES2AW Datasheet
107Kb / 2P
   2.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
SF21 ZSELEC-SF21 Datasheet
110Kb / 2P
   2.0A SUPERFAST RECTIFIER
ER201 ZSELEC-ER201 Datasheet
116Kb / 2P
   2.0A SUPERFAST RECTIFIER
logo
Won-Top Electronics
ER2A WTE-ER2A_06 Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2AA WTE-ER2AA Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES2A ZSELEC-ES2A Datasheet
121Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2A ZSELEC-ER2A Datasheet
121Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2ABF ZSELEC-ES2ABF Datasheet
107Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2AF ZSELEC-ES2AF Datasheet
108Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
SMBYW02-50 ZSELEC-SMBYW02-50 Datasheet
110Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com