Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK22-T3 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # SK22-T3
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SK22-T3 Datasheet(HTML) 4 Page - Won-Top Electronics

  SK22-T3 Datasheet HTML 1Page - Won-Top Electronics SK22-T3 Datasheet HTML 2Page - Won-Top Electronics SK22-T3 Datasheet HTML 3Page - Won-Top Electronics SK22-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SK22 – S210
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SK22-T3
SMB
3000/Tape & Reel
SK23-T3
SMB
3000/Tape & Reel
SK24-T3
SMB
3000/Tape & Reel
SK25-T3
SMB
3000/Tape & Reel
SK26-T3
SMB
3000/Tape & Reel
SK28-T3
SMB
3000/Tape & Reel
SK29-T3
SMB
3000/Tape & Reel
S210-T3
SMB
3000/Tape & Reel
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, SK22-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SK22-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK22-T3 WTE-SK22-T3 Datasheet
43Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK22-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR22 WTE-SR22_06 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
DS22W ZSELEC-DS22W Datasheet
138Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
20BQ020 ZSELEC-20BQ020 Datasheet
151Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK22 ZSELEC-SK22 Datasheet
122Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS220S ZSELEC-SS220S Datasheet
93Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22 ZSELEC-SS22 Datasheet
64Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22F ZSELEC-SS22F Datasheet
87Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DSK22 ZSELEC-DSK22 Datasheet
139Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK23 ZSELEC-SK23 Datasheet
156Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22BF ZSELEC-SS22BF Datasheet
87Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com