Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF32 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SF32
Description  3.0A SUPERFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF32 Datasheet(HTML) 1 Page - Won-Top Electronics

  SF32 Datasheet HTML 1Page - Won-Top Electronics SF32 Datasheet HTML 2Page - Won-Top Electronics SF32 Datasheet HTML 3Page - Won-Top Electronics SF32 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SF31 – SF37
1 of 4
© 2006 Won-Top Electronics
Pb
SF31 – SF37
3.0A SUPERFAST DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-201AD, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SF31
SF32
SF33
SF34
SF35
SF36
SF37
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
(Note 1)
@TA = 50°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
125
A
Forward Voltage
@IF = 3.0A
VFM
0.95
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
35
nS
Typical Junction Capacitance (Note 3)
Cj
100
80
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-201AD
Dim
Min
Max
A
25.4
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm


Similar Part No. - SF32

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF32 MOSPEC-SF32 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF32 SAMYANG-SF32 Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
Diotech Company.
SF32 DIOTECH-SF32 Datasheet
678Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Leshan Radio Company
SF32 LRC-SF32 Datasheet
59Kb / 2P
   SUPER FAST DIODES
logo
Rugao Dachang Electroni...
SF32 DACHANG-SF32 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
More results

Similar Description - SF32

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ES3AF ZSELEC-ES3AF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
ER3A WTE-ER3A_06 Datasheet
48Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES3ABF ZSELEC-ES3ABF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER3A ZSELEC-ER3A Datasheet
114Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES3A ZSELEC-ES3A Datasheet
126Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
SF30AG ZSELEC-SF30AG Datasheet
144Kb / 2P
   3.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF31G ZSELEC-SF31G Datasheet
124Kb / 2P
   3.0A SUPERFAST GLASS PASSVITED RECTIFIER
31DF4 ZSELEC-31DF4 Datasheet
194Kb / 2P
   3.0A SUPERFAST GLASS PASSVITED RECTIFIER
logo
Won-Top Electronics
HER301 WTE-HER301_06 Datasheet
52Kb / 4P
   3.0A ULTRAFAST DIODE
SF21 WTE-SF21_06 Datasheet
58Kb / 4P
   2.0A SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com