Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75105YFFT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75105YFFT
Description  Low Dropout, Two-Bank LED Driver with PWM Brightness Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75105YFFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS75105YFFT Datasheet HTML 3Page - Texas Instruments TPS75105YFFT Datasheet HTML 4Page - Texas Instruments TPS75105YFFT Datasheet HTML 5Page - Texas Instruments TPS75105YFFT Datasheet HTML 6Page - Texas Instruments TPS75105YFFT Datasheet HTML 7Page - Texas Instruments TPS75105YFFT Datasheet HTML 8Page - Texas Instruments TPS75105YFFT Datasheet HTML 9Page - Texas Instruments TPS75105YFFT Datasheet HTML 10Page - Texas Instruments TPS75105YFFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.5mA/div
1V/div
I
OUT
V
IN
20 s/div
m
3.6V
3.9V
30
0
100
10
20
40
DutyCycle(%)
25
20
15
10
5
0
50
60
70
80
90
20mA/div
1V/div
I
OUT
ENA=ENB
20 s/div
m
1.2V
0.4V
0.5mA/div
1V/div
I
OUT
V
IN
20 s/div
m
3.3V
3.6V
20mA/div
1V/div
I
OUT
ENB
20 s/div
m
1.2V
ENA=3.8V
0.4V
0.06
0
0.20
0.02 0.04
0.08
V
V
-
(V)
IN
OUT
25
20
15
10
5
0
0.10 0.12 0.14 0.16 0.18
+85 C
°
+25 C
°
-
°
40 C
TPS7510x
SBVS080C – SEPTEMBER 2006 – REVISED MARCH 2007
Over operating junction temperature range (T
J = –40°C to +85°C), VIN = 3.8V, DxA and DxB = 3.3V, RSET = 32.4kΩ, and ENA
and ENB = high, unless otherwise noted. Typical values are at T
A = +25°C.
LED CURRENT vs DUTY CYCLE (f = 300Hz)
LINE TRANSIENT (600mV Pulse)
Figure 1.
Figure 2.
LINE TRANSIENT (300mV Pulse)
DIMMING RESPONSE (Both Channels)
Figure 3.
Figure 4.
DIMMING RESPONSE (Single Channel)
OUTPUT CURRENT vs HEADROOM VOLTAGE
Figure 5.
Figure 6.
7
Submit Documentation Feedback


Similar Part No. - TPS75105YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75105YFFT TI-TPS75105YFFT Datasheet
470Kb / 16P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75105YFFT TI1-TPS75105YFFT Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75105YFFT TI1-TPS75105YFFT Datasheet
1Mb / 22P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75105YFFT TI1-TPS75105YFFT Datasheet
1Mb / 27P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver With PWM Brightness Control
More results

Similar Description - TPS75105YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7510X TI-TPS7510X_08 Datasheet
470Kb / 16P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75100 TI1-TPS75100 Datasheet
1Mb / 27P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver With PWM Brightness Control
TPS75103 TI1-TPS75103 Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS7510X TI1-TPS7510X_16 Datasheet
1Mb / 22P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
LP5524 TI1-LP5524_16 Datasheet
840Kb / 19P
[Old version datasheet]   LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com