Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK38-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SK38-T3
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SK38-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  SK38-T3 Datasheet HTML 1Page - Won-Top Electronics SK38-T3 Datasheet HTML 2Page - Won-Top Electronics SK38-T3 Datasheet HTML 3Page - Won-Top Electronics SK38-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SK32 – S310
1 of 4
© 2006 Won-Top Electronics
Pb
SK32 – S310
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
!
Schottky Barrier Chip
!
Ideally Suited for Automatic Assembly
B
!
Low Power Loss, High Efficiency
!
Surge Overload Rating to 100A Peak
D
!
For Use in Low Voltage Application
A
!
Guard Ring Die Construction
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
                             E
Mechanical Data
!
Case: SMC/DO-214AB, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.21 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
SK32
SK33
SK34
SK35
SK36
SK38
SK39
S310
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
80
90
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
56
64
71
V
Average Rectified Output Current
@TL = 75°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Forward Voltage
@IF = 3.0A
VFM
0.50
0.75
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
20
mA
Typical Thermal Resistance (Note 1)
RJL
RJA
17
55
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Mounted on P.C. Board with 14mm2 copper pad area.
WTE
POWER SEMICONDUCTORS
SMC/DO-214AB
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.25
D
0.152
0.305
E
7.75
8.13
F
2.00
2.62
G
0.051
0.203
H
0.76
1.27
All Dimensions in mm


Similar Part No. - SK38-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK38-T3 WTE-SK38-T3 Datasheet
43Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK38-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
BX32 ZSELEC-BX32 Datasheet
100Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SX32 WTE-SX32 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
   3.0A Surface Mount Schottky Barrier Diode
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
   3.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS32F ZSELEC-SS32F Datasheet
172Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
30BQ020 ZSELEC-30BQ020 Datasheet
150Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS32W ZSELEC-DS32W Datasheet
138Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS32 ZSELEC-SS32 Datasheet
149Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32BF ZSELEC-BR32BF Datasheet
136Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR32BF ZSELEC-SR32BF Datasheet
136Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32 ZSELEC-BR32 Datasheet
113Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com