Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR33-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SR33-T3
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SR33-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  SR33-T3 Datasheet HTML 1Page - Won-Top Electronics SR33-T3 Datasheet HTML 2Page - Won-Top Electronics SR33-T3 Datasheet HTML 3Page - Won-Top Electronics SR33-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SR32 – SR310
2 of 4
© 2006 Won-Top Electronics
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
SR32 - SR34
SR35 - SR36
T - 25ºC
J
I Pulse Width = 300 s
F
µ
0
20
40
60
80
100
110
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100°C
T
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
f= 1 MHz
T= 25°C
J
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100ºC
j
T = 75ºC
j
T = 25ºC
j
100
10
1.0
0.1
0.01
1k
0
0.5
1.0
25
50
75
100
125
150
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
1.5
2.0
2.5
3.0
SR38 - SR310


Similar Part No. - SR33-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR33-T3 WTE-SR33-T3 Datasheet
48Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR33-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
BX32 ZSELEC-BX32 Datasheet
100Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SX32 WTE-SX32 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
   3.0A Surface Mount Schottky Barrier Diode
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
   3.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS32F ZSELEC-SS32F Datasheet
172Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
30BQ020 ZSELEC-30BQ020 Datasheet
150Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS32W ZSELEC-DS32W Datasheet
138Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS32 ZSELEC-SS32 Datasheet
149Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32BF ZSELEC-BR32BF Datasheet
136Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR32BF ZSELEC-SR32BF Datasheet
136Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32 ZSELEC-BR32 Datasheet
113Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com