Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR530-TB Datasheet(PDF) 4 Page - Won-Top Electronics

Part # SR530-TB
Description  5.0A SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SR530-TB Datasheet(HTML) 4 Page - Won-Top Electronics

  SR530-TB Datasheet HTML 1Page - Won-Top Electronics SR530-TB Datasheet HTML 2Page - Won-Top Electronics SR530-TB Datasheet HTML 3Page - Won-Top Electronics SR530-TB Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SR520 – SR5100
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SR520-T3
DO-201AD
1200/Tape & Reel
SR520-TB
DO-201AD
1200/Tape & Box
SR520
DO-201AD
500 Units/Box
SR530-T3
DO-201AD
1200/Tape & Reel
SR530-TB
DO-201AD
1200/Tape & Box
SR530
DO-201AD
500 Units/Box
SR540-T3
DO-201AD
1200/Tape & Reel
SR540-TB
DO-201AD
1200/Tape & Box
SR540
DO-201AD
500 Units/Box
SR550-T3
DO-201AD
1200/Tape & Reel
SR550-TB
DO-201AD
1200/Tape & Box
SR550
DO-201AD
500 Units/Box
SR560-T3
DO-201AD
1200/Tape & Reel
SR560-TB
DO-201AD
1200/Tape & Box
SR560
DO-201AD
500 Units/Box
SR580-T3
DO-201AD
1200/Tape & Reel
SR580-TB
DO-201AD
1200/Tape & Box
SR580
DO-201AD
500 Units/Box
SR5100-T3
DO-201AD
1200/Tape & Reel
SR5100-TB
DO-201AD
1200/Tape & Box
SR5100
DO-201AD
500 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF”
suffix to part number above. For example, SR520-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SR530-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR530-TB WTE-SR530-TB Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR530-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR5100 WTE-SR5100_V01 Datasheet
43Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
September, 2012
logo
Zibo Seno Electronic En...
MBR520 ZSELEC-MBR520 Datasheet
136Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
SR520 ZSELEC-SR520 Datasheet
98Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
SB520 ZSELEC-SB520 Datasheet
125Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
MS502 ZSELEC-MS502 Datasheet
137Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB520 WTE-SB520_06 Datasheet
63Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SS52F ZSELEC-SS52F Datasheet
129Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52BF ZSELEC-SS52BF Datasheet
129Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
50BQ020 ZSELEC-50BQ020 Datasheet
143Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
SB520 SUNMATE-SB520 Datasheet
127Kb / 2P
   5.0A Axial Leaded Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com