Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP4M3019 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQP4M3019
Description  SP3T High Power 2.6V 2 x 2 mm CDMA Antenna Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP4M3019 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP4M3019 Datasheet HTML 1Page - TriQuint Semiconductor TQP4M3019 Datasheet HTML 2Page - TriQuint Semiconductor TQP4M3019 Datasheet HTML 3Page - TriQuint Semiconductor TQP4M3019 Datasheet HTML 4Page - TriQuint Semiconductor TQP4M3019 Datasheet HTML 5Page - TriQuint Semiconductor TQP4M3019 Datasheet HTML 6Page - TriQuint Semiconductor TQP4M3019 Datasheet HTML 7Page - TriQuint Semiconductor TQP4M3019 Datasheet HTML 8Page - TriQuint Semiconductor TQP4M3019 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TQP4M3019
Data Sheet
SP3T High Power 2.6V 2 x 2 mm CDMA Antenna Switch
Absolute Maximum Ratings
Symbol
Parameter
Absolute Maximum Value
Units
PIN Max
Maximum Input Power
+38
dBm
VCTRL
Control Voltage
+/- 6
VDC
TC
Case Temperature, Survival
-40 to +85
°C
TSTG
Storage Temperature
-40 to +150
°C
Note: The part may not survive all maximums applied simultaneously.
Electrical Characteristics1,2
Parameter (all paths )
Test Conditions
Units
Min
Typ
Max
Cellular Insertion Loss
Antenna to Selected Port (824 – 894 MHz)
dB
0.50
GPS Insertion Loss
Antenna to Selected RF Port (1574 – 1577 MHz)
dB
0.52
PCS Insertion Loss
Antenna to Selected RF Port (1850 – 1990 MHz)
dB
0.60
Cellular Isolation
RF Off Port to Selected RF On Port (824 – 894 MHz)
dB
27
GPS Isolation
RF Off Port to Selected RF On Port (1574 – 1577 MHz)
dB
24
PCS Isolation
RF Off Port to Selected RF On Port (1850 – 1990 MHz)
dB
22
Cellular Cross-Modulation
PTx1 = 23 dBm @ 836 MHz, PTx2 = 23 dBm @ 837 MHz,
Pint = -23 dBm @ 881.5 MHz
dBm
-108
-100
PCS Cross-Modulation
PTx1 = 23 dBm @ 1879.5 MHz, PTx2 = 23 dBm @ 1880.5
MHz, Pint = -23 dBm @ 1960 MHz
dBm
-105
-100
Cellular IIP3
Two tones; +23 dBm each; 837 MHz and 838 MHz
dBm
+66
PCS IIP3
Two tones; +23 dBm each; 1880 MHz and 1881 MHz
dBm
+66
2
nd Harmonic
Cellular; @ +25.5 dBm input
dBc
-93
2
nd Harmonic
PCS; @ +24 dBm input
dBc
-93
3
rd Harmonic
Cellular; @ +25.5 dBm input
dBc
-93
3
rd Harmonic
PCS; @ +24 dBm input
dBc
-95
P-0.1 dB
Cellular
dBm
+34
P-0.1 dB
PCS
dBm
+34.5
Return Loss
0.5 to 2.0GHz
dB
-25
Leakage Current
-
µA
10
Trise, Tfall
10% to 90% RF , 90% to 10% RF
µS
1
Ton , Toff
50% control to 90% RF, and 50% control to 10% RF
µS
1
Note 1: External DC Blocking capacitors are required at all RF ports.
Note 2: Test Conditions Zo = 50 ohms: Vcontrol =0V/2.6V, Tc=25°C.
Data Sheet: For additional information and latest specifications, see our website: www.triquint.com
Revision C, September 7, 2006
3


Similar Part No. - TQP4M3019

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP4M3018 TRIQUINT-TQP4M3018 Datasheet
459Kb / 9P
   SP3T High Power 2.6V CDMA Antenna Switch
More results

Similar Description - TQP4M3019

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP4M3018 TRIQUINT-TQP4M3018 Datasheet
459Kb / 9P
   SP3T High Power 2.6V CDMA Antenna Switch
TQP4M3007 TRIQUINT-TQP4M3007 Datasheet
493Kb / 9P
   SP3T High Power 2.6V CDMA Antenna Switch
logo
Sony Corporation
CXG1192UR SONY-CXG1192UR Datasheet
50Kb / 5P
   SP3T 횞 2 Antenna Switch for GSM Quad-Band
logo
Alpha Industries
AS202-321 ALPHA-AS202-321 Datasheet
83Kb / 2P
   PHEMT GaAs IC High Power SP3T Switch DC-2 GHz
logo
Skyworks Solutions Inc.
AS227-321 SKYWORKS-AS227-321 Datasheet
182Kb / 3P
   PHEMT GaAs IC High Power SP3T Switch DC-2 GHz
AS202-321 SKYWORKS-AS202-321 Datasheet
297Kb / 4P
   PHEMT GaAs IC High-Power SP3T Switch LF-2 GHz
logo
Will Semiconductor Ltd.
WS7803QD WILLSEMI-WS7803QD Datasheet
799Kb / 6P
   0.1GHz ??3GHz SP3T Antenna Switch
logo
Sony Corporation
CXG1063TN SONY-CXG1063TN Datasheet
67Kb / 5P
   High Power 2 쨈 4 Antenna Switch MMIC
logo
Infineon Technologies A...
BGS13AL12 INFINEON-BGS13AL12 Datasheet
1Mb / 16P
   SP3T Antenna Switch with Antenna Termination Port
Revision 1.1, 2009-06-25
logo
Sony Corporation
CXG1090TN SONY-CXG1090TN Datasheet
71Kb / 5P
   High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com