Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVG612A Datasheet(PDF) 3 Page - International Rectifier

Part # PVG612A
Description  Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG612A Datasheet(HTML) 3 Page - International Rectifier

  PVG612A Datasheet HTML 1Page - International Rectifier PVG612A Datasheet HTML 2Page - International Rectifier PVG612A Datasheet HTML 3Page - International Rectifier PVG612A Datasheet HTML 4Page - International Rectifier PVG612A Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series PVG612A & PbF
www.irf.com
3
Connection Diagrams
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
0
10
2030
4050
60
"A" Connection
Figure 1. Current Derating Curves
Figure 2. Typical Output Capacitance
Figure 3. Typical Linearity Characteristics
Figure 4. Typical Normalized On-Resistance
Ambient Temperature (C)
VDD Drain to Drain Voltage
Voltage Drop VDD
Temperature (C)
0
10
20
30
40
50
60
70
80
90
100
025
50
75
100
"A" Connection
"B" Connection
"C" Connection
-8
-6
-4
-2
0
2
4
6
8
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
I LED=10mA
Pulsed, 25C
0.0
1.0
2.0
3.0
4.0
5.0
0
2 0
4 0
6 0
8 0
100
"A " C onnec tion
"B " C onnec tion
"C " C onnec tion
I
LE D
= 10m A
0
20
40
60
80
100
5,0
4.0
3.0
2.0
1.0
0.0
“C” Connection
ILED = 10mA
“B” Connection
“A” Connection


Similar Part No. - PVG612A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVG612APBF IRF-PVG612APBF Datasheet
226Kb / 6P
   Bounce-free operation
PVG612APBF IRF-PVG612APBF_15 Datasheet
226Kb / 6P
   Bounce-free operation
More results

Similar Description - PVG612A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
   POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVG612 IRF-PVG612 Datasheet
274Kb / 4P
   Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PVDZ172N IRF-PVDZ172N Datasheet
137Kb / 4P
   POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVN012APBF IRF-PVN012APBF Datasheet
129Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-20V, 4.0A AC/ 6.0A DC
PVR13N IRF-PVR13N Datasheet
70Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com