Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2111 Datasheet(PDF) 11 Page - Texas Instruments

Part # TSC2111
Description  AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2111 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2111 Datasheet HTML 7Page - Texas Instruments TSC2111 Datasheet HTML 8Page - Texas Instruments TSC2111 Datasheet HTML 9Page - Texas Instruments TSC2111 Datasheet HTML 10Page - Texas Instruments TSC2111 Datasheet HTML 11Page - Texas Instruments TSC2111 Datasheet HTML 12Page - Texas Instruments TSC2111 Datasheet HTML 13Page - Texas Instruments TSC2111 Datasheet HTML 14Page - Texas Instruments TSC2111 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
TSC2111
SLAS495− JUNE 2006
www.ti.com
11
SPI TIMING DIAGRAM
t
td
S
S
S
S
S
S
S
E
L
ta
MSB OUT
BIT 6 .. .1
LSB OUT
t
sck
tLead
tLag
twsck
twsck
tr
tf
tv
tho
tdis
MSB IN
BIT 6 .. .1
LSB IN
thi
tsu
/SS
SPISELZ
SCLK
SPISELZ
SPICLK
MISO
SPISELZ
MOSI
SPISELZ
TYPICAL TIMING REQUIREMENTS
All specifications typical at 25
°C, DVDD = 1.8 V(1)
PARAMETER
IOVDD = 1.1 V
IOVDD = 3.3 V
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
twsck
SCLK Pulse width
30
18
ns
tLead
Enable Lead Time
18
15
ns
tLag
Enable Lag Time
18
15
ns
ttd
Sequential Transfer Delay
18
15
ns
ta
Slave MISO access time
18
15
ns
tdis
Slave MISO disable time
18
15
ns
tsu
MOSI data setup time
6
6
ns
thi
MOSI data hold time
6
6
ns
tho
MISO data hold time
4
4
ns
tv
MISO data valid time
25
13
ns
tr
Rise Time
6
4
ns
tf
Fall Time
6
4
ns
(1) These parameters are based on characterization and are not tested in production.


Similar Part No. - TSC2111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC211 STMICROELECTRONICS-TSC211 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
TSC2117 TI-TSC2117 Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
TSC2117IRGZR TI-TSC2117IRGZR Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
TSC2117IRGZT TI-TSC2117IRGZT Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
logo
STMicroelectronics
TSC211ICT STMICROELECTRONICS-TSC211ICT Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
More results

Similar Description - TSC2111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com