Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4410DY Datasheet(PDF) 6 Page - International Rectifier

Part # SI4410DY
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SI4410DY Datasheet(HTML) 6 Page - International Rectifier

  SI4410DY Datasheet HTML 1Page - International Rectifier SI4410DY Datasheet HTML 2Page - International Rectifier SI4410DY Datasheet HTML 3Page - International Rectifier SI4410DY Datasheet HTML 4Page - International Rectifier SI4410DY Datasheet HTML 5Page - International Rectifier SI4410DY Datasheet HTML 6Page - International Rectifier SI4410DY Datasheet HTML 7Page - International Rectifier SI4410DY Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Si4410DY
6
www.irf.com
Fig 12. Typical On-Resistance Vs. Drain
Current
Fig 13. Typical On-Resistance Vs. Gate
Voltage
0.00
0.04
0.08
0.12
0.16
0.20
0
1 0
2 03 0
4 05 0
A
I , D rain C u rren t (A )
D
V
= 10V
GS
V
= 4.5V
GS
0.00
0.01
0.02
0.03
34
56
78
9
1 0
A
GS
V
, G ate-to- So u rc e V o lta g e (V )
I
= 10A
D
Fig 14. Typical Threshold Voltage Vs.Temperature
1.5
2.0
2.5
3.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100
120
140
160
J
T
, Jun ction T em p e ra tu re (°C )
A
I
= 2 50µA
D
Fig 15. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
0
200
400
600
800
1000
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
4.5A
8.0A
10A


Similar Part No. - SI4410DY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
logo
Fairchild Semiconductor
SI4410DY FAIRCHILD-SI4410DY Datasheet
239Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
logo
Vishay Siliconix
SI4410DY VISHAY-SI4410DY Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. L, 03-May-04
logo
NXP Semiconductors
SI4410DY NXP-SI4410DY Datasheet
376Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 03 ??4 December 2009
logo
Guangdong Kexin Industr...
SI4410DY KEXIN-SI4410DY Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - SI4410DY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com