Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2085DBTR-V1P3G4 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2085DBTR-V1P3G4
Description  SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2085DBTR-V1P3G4 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2085DBTR-V1P3G4 Datasheet HTML 1Page - Texas Instruments BQ2085DBTR-V1P3G4 Datasheet HTML 2Page - Texas Instruments BQ2085DBTR-V1P3G4 Datasheet HTML 3Page - Texas Instruments BQ2085DBTR-V1P3G4 Datasheet HTML 4Page - Texas Instruments BQ2085DBTR-V1P3G4 Datasheet HTML 5Page - Texas Instruments BQ2085DBTR-V1P3G4 Datasheet HTML 6Page - Texas Instruments BQ2085DBTR-V1P3G4 Datasheet HTML 7Page - Texas Instruments BQ2085DBTR-V1P3G4 Datasheet HTML 8Page - Texas Instruments BQ2085DBTR-V1P3G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
bq2085-V1P3
SLUS598 − FEBRUARY 2004
www.ti.com
2
DESCRIPTION (CONTINUED)
The bq2085−V1P3 uses an integrating converter with
continuous sampling for the measurement of battery
charge and discharge currents. Optimized for coulomb
counting in portable applications, the self-calibrating
integrating converter has a resolution better than 3-nVh
and an offset measurement error of less than 1-
µV
(typical). For voltage and temperature reporting, the
bq2085−V1P3 uses a 16-bit A-to-D converter. In
conjunction with the bq29311, the onboard ADC also
monitors individual cell voltages in a battery pack and
allows the bq2085−V1P3 to generate the control signals
necessary to implement the cell balancing and the
required safety protection for Li-ion and Li-polymer battery
chemistries.
The bq2085−V1P3 supports the smart battery data
(SBData) commands and charge-control functions. It
communicates data using the System Management Bus
(SMBus) 2-wire protocol. The data available include the
battery’s
remaining
capacity,
temperature,
voltage,
current,
and
remaining
run-time
predictions.
The
bq2085−V1P3 provides LED drivers and a push-button
input to depict remaining battery capacity from full to empty
in 20%, 25%, or 33% increments with a 3-, 4-, or
5-segment display.
The bq2085−V1P3 contains 512 bytes of internal data
flash memory, which store configuration information. The
information includes nominal capacity and voltage,
self-discharge rate, rate compensation factors, and other
programmable cell-modeling factors used to accurately
adjust remaining capacity for use-conditions based on
time, rate, and temperature. The bq2085−V1P3 also
automatically calibrates or learns the true battery capacity
in the course of a discharge cycle from programmable near
full to near empty levels.
The bq29311 AFE protection IC provides power to the
bq2085−V1P3 from a 3 or 4 series Li-ion cell stack,
eliminating the need for an external regulator circuit.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
VIN
TS
OC
N/C
N/C
SCLK
N/C
VDDD
RBI
SDATA
VSSD
SAFE
N/C
N/C
SMBC
SMBD
DISP
EVENT
VSSD
VSSD
N/C
N/C
CLKOUT
VSSA
ROSC
FILT
VDDA
VSSA
VSSA
SR1
SR2
MRST
N/C
LED1
LED2
LED3
LED4
LED5
TSSOP PACKAGE
(TOP VIEW)
NC − No internal connection
AVAILABLE OPTIONS
TA
PACKAGE
38-PIN TSSOP
(DBT)
−20
°C to 85°C
bq2085−V1P3DBT(1)
(1) The bq2085−V1P3 is available taped and reeled. Add an R suffix to
the device type (e.g., bq2085−V1P3DBTR) to order tape and reel
version.


Similar Part No. - BQ2085DBTR-V1P3G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2085DBTR TI-BQ2085DBTR Datasheet
822Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085DBTRG4 TI-BQ2085DBTRG4 Datasheet
822Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
More results

Similar Description - BQ2085DBTR-V1P3G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2085-V1P2 TI1-BQ2085-V1P2 Datasheet
567Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ20851 TI-BQ20851 Datasheet
467Kb / 53P
[Old version datasheet]   SBS COMPLIANT GAS GAUGE IC FOR USE WITH THE BQ29311
BQ2083-V1P3 TI1-BQ2083-V1P3 Datasheet
534Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083 TI1-BQ2083 Datasheet
477Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085 TI-BQ2085 Datasheet
822Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083-V1P2 TI-BQ2083-V1P2 Datasheet
470Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bp29311
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com