Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1101RTK Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1101RTK
Description  Low-Cost Low-Power Sub-1GHz RF Transceiver
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1101RTK Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1101RTK Datasheet HTML 4Page - Texas Instruments CC1101RTK Datasheet HTML 5Page - Texas Instruments CC1101RTK Datasheet HTML 6Page - Texas Instruments CC1101RTK Datasheet HTML 7Page - Texas Instruments CC1101RTK Datasheet HTML 8Page - Texas Instruments CC1101RTK Datasheet HTML 9Page - Texas Instruments CC1101RTK Datasheet HTML 10Page - Texas Instruments CC1101RTK Datasheet HTML 11Page - Texas Instruments CC1101RTK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
CC1101
SWRS061B
Page 8 of 93
4
Electrical Specifications
4.1
Current Consumption
Tc = 25
°C, VDD = 3.0V if nothing else stated. All measurement results are obtained using the CC1101EM reference designs
([5] and [6]).
Reduced current settings (MDMCFG2.DEM_DCFILT_OFF=1) gives a slightly lower current consumption at the cost of a
reduction in sensitivity. See
for additional details on current consumption and sensitivity.
Parameter
Min
Typ
Max
Unit
Condition
0.2
1
µA
Voltage regulator to digital part off, register values retained
(SLEEP state). All GDO pins programmed to 0x2F (HW to 0)
0.5
µA
Voltage regulator to digital part off, register values retained, low-
power RC oscillator running (SLEEP state with WOR enabled
100
µA
Voltage regulator to digital part off, register values retained,
XOSC running (SLEEP state with MCSM0.OSC_FORCE_ON set)
Current consumption in power
down modes
165
µA
Voltage regulator to digital part on, all other modules in power
down (XOFF state)
9.8
µA
Automatic RX polling once each second, using low-power RC
oscillator, with 460 kHz filter bandwidth and 250 kBaud data rate,
PLL calibration every 4
th wakeup. Average current with signal in
channel below carrier sense level (MCSM2.RX_TIME_RSSI=1).
34.2
µA
Same as above, but with signal in channel above carrier sense
level, 1.95 ms RX timeout, and no preamble/sync word found.
1.5
µA
Automatic RX polling every 15
th second, using low-power RC
oscillator, with 460kHz filter bandwidth and 250 kBaud data rate,
PLL calibration every 4
th wakeup. Average current with signal in
channel below carrier sense level (MCSM2.RX_TIME_RSSI=1).
39.3
µA
Same as above, but with signal in channel above carrier sense
level, 29.3 ms RX timeout, and no preamble/sync word found.
1.7
mA
Only voltage regulator to digital part and crystal oscillator running
(IDLE state)
Current consumption
8.4
mA
Only the frequency synthesizer is running (FSTXON state). This
currents consumption is also representative for the other
intermediate states when going from IDLE to RX or TX, including
the calibration state.
15.4
mA
Receive mode, 1.2 kBaud, reduced current, input at sensitivity
limit
14.4
mA
Receive mode, 1.2 kBaud, reduced current, input well above
sensitivity limit
15.2
mA
Receive mode, 38.4 kBaud, reduced current, input at sensitivity
limit
14.3
mA
Receive mode,38.4 kBaud, reduced current, input well above
sensitivity limit
16.5
mA
Receive mode, 250 kBaud, reduced current, input at sensitivity
limit
15.1
mA
Receive mode, 250 kBaud, reduced current, input well above
sensitivity limit
27.4
mA
Transmit mode, +10 dBm output power
15.0
mA
Transmit mode, 0 dBm output power
Current consumption,
315MHz
12.3
mA
Transmit mode, –6 dBm output power


Similar Part No. - CC1101RTK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101RTK TI1-CC1101RTK Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101RTKR TI1-CC1101RTKR Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101RTKR TI-CC1101RTKR Datasheet
2Mb / 105P
[Old version datasheet]   Wireless alarm and security systems, Industrial monitoring and control
More results

Similar Description - CC1101RTK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
logo
List of Unclassifed Man...
SPIRIT1QTR ETC2-SPIRIT1QTR Datasheet
2Mb / 101P
   Low data rate, low power sub-1GHZ transceiver
logo
STMicroelectronics
SPIRIT1 STMICROELECTRONICS-SPIRIT1 Datasheet
866Kb / 94P
   Low data rate, low power sub-1GHZ transceiver
logo
Texas Instruments
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
RC-CC1310-XXX ETC1-RC-CC1310-XXX Datasheet
1Mb / 7P
   Ultra Low Power sub 1GHz Multichannels Radio Transceiver
Rev 1.5
logo
Maxim Integrated Produc...
MAX7037 MAXIM-MAX7037 Datasheet
987Kb / 35P
   Sub-1GHz, Ultra-Low-Power, RF ISM Transceiver for Consumer/Industrial Applications
Rev 0; 9/16
logo
List of Unclassifed Man...
CC1100 ETC1-CC1100 Datasheet
804Kb / 70P
   CC1100 Single Chip Low Cost Low Power RF-Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com