Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U16D40C Datasheet(PDF) 4 Page - Won-Top Electronics

Part # U16D40C
Description  16A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

U16D40C Datasheet(HTML) 4 Page - Won-Top Electronics

  U16D40C Datasheet HTML 1Page - Won-Top Electronics U16D40C Datasheet HTML 2Page - Won-Top Electronics U16D40C Datasheet HTML 3Page - Won-Top Electronics U16D40C Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
U16D05C – U16D60C
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
U16D05C
TO-3P
30 Units/Tube
U16D10C
TO-3P
30 Units/Tube
U16D15C
TO-3P
30 Units/Tube
U16D20C
TO-3P
30 Units/Tube
U16D30C
TO-3P
30 Units/Tube
U16D40C
TO-3P
30 Units/Tube
U16D50C
TO-3P
30 Units/Tube
U16D60C
TO-3P
30 Units/Tube
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, U16D05C-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - U16D40C

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
U16D40PT CHENMKO-U16D40PT Datasheet
114Kb / 2P
   ULTRA FSAT RECTIFIER
More results

Similar Description - U16D40C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
U30D05C WTE-U30D05C Datasheet
61Kb / 4P
   30A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
ER1600CT WTE-ER1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
UF1600CT WTE-UF1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1600FCT WTE-UF1600FCT_06 Datasheet
60Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
ER1600FCT WTE-ER1600FCT_06 Datasheet
54Kb / 4P
   16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
logo
Frontier Electronics.
FEF160-02CT FRONTIER-FEF160-02CT Datasheet
130Kb / 2P
   16A DUAL FAST EFFICIENT GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
UF1600CT WTE-UF1600CT Datasheet
49Kb / 3P
   16A ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Frontier Electronics.
GPF160-005 FRONTIER-GPF160-005 Datasheet
123Kb / 2P
   16A GLASS PASSIVATED STANDARD RECTIFIER
logo
Won-Top Electronics
FR1601G WTE-FR1601G Datasheet
54Kb / 3P
   16A FAST RECOVERY GLASS PASSIVATED RECTIFIER
HER1601G WTE-HER1601G Datasheet
52Kb / 3P
   16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com