Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTL16857 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSTL16857
Description  14-bit SSTL_2 registered driver with differential clock inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTL16857 Datasheet(HTML) 4 Page - NXP Semiconductors

  SSTL16857 Datasheet HTML 1Page - NXP Semiconductors SSTL16857 Datasheet HTML 2Page - NXP Semiconductors SSTL16857 Datasheet HTML 3Page - NXP Semiconductors SSTL16857 Datasheet HTML 4Page - NXP Semiconductors SSTL16857 Datasheet HTML 5Page - NXP Semiconductors SSTL16857 Datasheet HTML 6Page - NXP Semiconductors SSTL16857 Datasheet HTML 7Page - NXP Semiconductors SSTL16857 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
SSTL16857
14-bit SSTL_2 registered driver with
differential clock inputs
1999 Sep 30
4
RECOMMENDED OPERATING CONDITIONS1
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
VDDQ
3.6
V
VDDQ
Output supply voltage
2.3
2.7
V
VREF
Reference voltage
(VREF = 0.5 x VDDQ)
1.15
1.25
1.35
V
VTT
Termination voltage
VREF – 40mV
VREF
VREF + 40mV
V
VI
Input voltage
0
VCC
V
VIH
AC HIGH-level input voltage
All inputs
VREF + 350mV
V
VIL
AC LOW-level input voltage
All inputs
VREF – 350mV
V
VIH
DC HIGH-level input voltage
All inputs
VREF + 180mV
VDDQ + 0.5V
V
VIL
DC LOW-level input voltage
All inputs
VSS – 0.5V
VREF – 180mV
V
IOH
HIGH-level output current
–20
mA
IOL
LOW-level output current
20
mA
Tamb
Operating free-air temperature range
0
70
°C
NOTE:
1. Unused control inputs must be held HIGH or LOW to prevent them from floating.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = 0
°C to +70°C
UNIT
MIN
TYP2
MAX
VIK
I/O supply voltage
VCC = 2.3V; II = –18mA
–1.2
VCC = 2.3V to 2.7V; IOH = –100µA
VCC – 0.2
2.3
V
VOH
HIGH level output voltage
VCC = 2.3V; IOH = –8mA
1.95
2.2
V
VCC = 2.3V; IOH = –16mA
1.95
2.1
VCC = 2.3V to 2.7V; IOL = –100µA
0.002
0.2
VOL
LOW level output voltage
VCC = 2.3V; IOL = –8mA
0.14
0.35
V
VCC = 2.3V; IOL = –16mA
0.30
0.35
VCMR
CLK, CLK
Common mode range for reliable performance
0.97
1.53
V
VPP
CLK, CLK
Minimum peak-to-peak input to ensure logic state
360
mV
VCC = 2.7V ; VI = 1.7V or 0.8V
0.01
±5
Data inputs RESET
VCC = 2.7V ; VI = 2.7V or 0V
V
= 1 15V or 1 35V
0.01
±5
µA
Data inputs, RESET
VCC = 3.6V ; VI = 1.7V or 0.8V
VREF = 1.15V or 1.35V
0.01
±5
µA
VCC = 3.6V ; VI = 2.7V or 0V
0.01
±5
I
VCC = 2.7V ; VI = 1.7V or 0.8V
0.05
±5
II
CLK CLK
VCC = 2.7V ; VI = 2.7V or 0V
V
= 1 15V or 1 35V
0.05
±5
µA
CLK, CLK
VCC = 3.6V ; VI = 1.7V or 0.8V
VREF = 1.15V or 1.35V
0.05
±5
VCC = 3.6V ; VI = 2.7V or 0V
0.05
±5
mA
V
VCC = 2.7V
V
= 1 15V or 1 35V
0.05
±5
µA
VREF
VCC = 3.6V
VREF = 1.15V or 1.35V
0.05
±5
µA
VCC = 2.7V ; VI = 1.7V or 0.8V
12
25
ICC
Quiescent supply current
CLK and CLK in opposite
VCC = 2.7V ; VI = 2.7V or 0V
10
25
mA
ICC
CLK and CLK in o
osite
state1
VCC = 3.6V ; VI = 1.7V or 0.8V
12
25
mA
VCC = 3.6V ; VI = 2.7V or 0V
10
25
NOTES:
1. When CLK and CLK are HIGH, typical ICC = 25mA.
2. All typical values are at VCC = 3.3V and Tamb = 25°C (unless otherwise specified).


Similar Part No. - SSTL16857

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTL16877 PHILIPS-SSTL16877 Datasheet
75Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
SSTL16877DGG PHILIPS-SSTL16877DGG Datasheet
75Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
More results

Similar Description - SSTL16857

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTV16857 PHILIPS-SSTV16857 Datasheet
110Kb / 12P
   14-bit SSTL_2 registered driver with differential clock inputs
2002 Sep 27
SSTL16877 PHILIPS-SSTL16877 Datasheet
75Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
SSTVF16857DGV PHILIPS-SSTVF16857DGV Datasheet
117Kb / 13P
   DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
2003 Sep 19
logo
Texas Instruments
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com