Selected language     English  ▼


W005G_06 Datasheet(PDF) 1 Page - Won-Top Electronics

Part No. W005G_06
Description  1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WTE [Won-Top Electronics]
Homepage  http://www.wontop.com
Logo 

   
 1 page
background image
W005G – W10G
1 of 4
© 2006 Won-Top Electronics
Pb
W005G – W10G
1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
!
Low Forward Voltage Drop
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
+
~
~
-
!
Excellent Case Dielectric Strength
                       
C
D
Mechanical Data
!
Case: WOB, Molded Plastic
E
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
~
!
Polarity: As Marked on Body
!
Weight: 1.1 grams (approx.)
-
!
Mounting Position: Any
+
!
Marking: Type Number
G
!
Lead Free: For RoHS / Lead Free Version,
G
~
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
W005G W01G
W02G
W04G
W06G
W08G
W10G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 50°C
(Note 1)
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage (per element)
@IF = 1.5A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
WTE
POWER SEMICONDUCTORS
WOB
Dim
Min
Max
A
8.60
9.10
B
5.0
5.50
C
27.9
D
25.4
E
0.71
0.81
G
4.60
5.60
All Dimensions in mm




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DF150_061.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
KBP005M_061.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
KBP150G_061.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
GBJ10A10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
GBPC5050A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
GBJ15A15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
GBPC50S50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
KBPC600G_066.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
PB1000G_0610A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
GBJ25A25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl