Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4534 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4534
Description  16Bit CODEC with MIC/HP/SPK-AMP
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4534 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4534 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
ASAHI KASEI
[AK4534]
MS0133-E-03
2003/5
- 2 -
12. Power Supply:
2.4V
∼ 3.6V (typ. 3.3V)
13. Power Supply Current
• AVDD+DVDD : 16mA
• PVDD : 1.2mA
• HVDD (HP-AMP=ON, SPK-AMP=OFF) : 6.5mA
• HVDD (HP-AMP=OFF, SPK-AMP=ON) : 9mA
14. Package : 52pin QFN
n Block Diagram
ALC1
(IPGA)
PMMIC
AVDD
AVSS
MICOUT
AIN
LRCK
BICK
SDTO
SDTI
PDN
DSP
and
uP
DVDD
DVSS
HVDD
HVSS
VCOM
MUTET
ALC2
MOUT-
HPL
PMHPL
HP-AMP
HPR
PMHPR
HP-AMP
Control
Register
Interface
Audio
PMSPK
SPK-
AMP
SPP
SPN
I2C
CSN/CAD1
CCLK/SCL
CDTI/SDA
CDTO
PMMO
CAD0
MOUT+
XTI/MCKI
XTO
MCKO
VCOC
PVDD
PVSS
MIX
MIX
MIX
MPE
MIC Pow er
Supply
EXT
INT
MIC-AMP
0dB or 20dB
MPI
MIC Pow er
Supply
M/S
HPF
ADC
PMADC
PMDAC
DATT
SMUTE
DAC
MIN
MOUT2
MIX
PLL
PMPLL
PMXTL
MIX
BEEPL
BEEPR
PMBPS
BEEPM
PMBPM
Block Diagram


Similar Part No. - AK4534

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4532 AKM-AK4532 Datasheet
345Kb / 17P
   Internet/Network/General Purpose Multimedia Audio CODEC
AK4532 AKM-AK4532_04 Datasheet
244Kb / 17P
   Internet/Network/General Purpose Multimedia Audio CODEC
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4536VN AKM-AK4536VN Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results

Similar Description - AK4534

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
   16BIT CODEC WITH MIC /HP/SPK-AMPl
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com