Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4702EQ Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4702EQ
Description  2ch DAC with AV SCART switch
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4702EQ Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4702EQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
ASAHI KASEI
[AK4702EQ]
MS0424-E-00
2005/09
- 5 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
VCRC
O
Chrominance Output Pin for VCR
2
VVSS
-
Video Ground Pin. 0V.
3
TVVOUT
O
Composite/Luminance Output Pin for TV
4
VVD2
-
Video Power Supply Pin #2. 5V
Normally connected to VVSS with a 0.1
µF ceramic capacitor in parallel with
a 10
µF electrolytic cap.
5
TVRC
O
Red/Chrominance Output Pin for TV
6
TVG
O
Green Output Pin for TV
7
TVB
O
Blue Output Pin for TV
8
VVD1
-
Video Power Supply Pin #1. 5V
Normally connected to VVSS with a 0.1
µF ceramic capacitor in parallel with
a 10
µF electrolytic cap.
9
ENCB
I
Blue Input Pin for Encoder
10
ENCG
I
Green Input Pin for Encoder
11
ENCRC
I
Red/Chrominance Input Pin1 for Encoder
12
ENCC
I
Chrominance Input Pin2 for Encoder
13
ENCV
I
Composite/Luminance Input Pin1 for Encoder
14
ENCY
I
Composite/Luminance Input Pin2 for Encoder
15
TVVIN
I
Composite/Luminance Input Pin for TV
16
VCRVIN
I
Composite/Luminance Input Pin for VCR
17
VCRFB
I
Fast Blanking Input Pin for VCR
18
VCRRC
I
Red/Chrominance Input Pin for VCR
19
VCRG
I
Green Input Pin for VCR
20
VCRB
I
Blue Input Pin for VCR
21
INT
O
Interrupt Pin for Video Blanking
22
VCRSB
I/O
Slow Blanking Input/Output Pin for VCR
23
TVSB
O
Slow Blanking Output Pin for TV
24
VCRINR
I
Rch VCR Audio Input Pin
25
VCRINL
I
Lch VCR Audio Input Pin
26
TVINR
I
Rch TV Audio Input Pin
27
TVINL
I
Lch TV Audio Input Pin
28
MONOIN
I
MONO Input Pin
29
VCROUTR
O
Rch Analog Output Pin1
30
VCROUTL
O
Lch Analog Output Pin1
31
TVOUTR
O
Rch Analog Output Pin2
32
TVOUTL
O
Lch Analog Output Pin2
33
MONOOUT
O
MONO Analog Output Pin
34
VP
-
Power Supply Pin. 12V
Normally connected to VSS with a 0.1
µF ceramic capacitor in parallel with a
10
µF electrolytic cap.
35
DVCOM
O
DAC Common Voltage Pin
Normally connected to VSS with a 0.1
µF ceramic capacitor in parallel with a
10
µF electrolytic cap.
36
PVCOM
O
Audio Common Voltage Pin
Normally connected to VSS with a 0.1
µF ceramic capacitor in parallel with a
10
µF electrolytic cap. The caps affect the settling time of audio bias level.


Similar Part No. - AK4702EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
More results

Similar Description - AK4702EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AKD4705-A AKM-AKD4705-A Datasheet
434Kb / 42P
   2ch DAC with AV SCART switch
AKD4706-A AKM-AKD4706-A Datasheet
549Kb / 34P
   2ch DAC with AV SCART switch
AK4705 AKM-AK4705 Datasheet
679Kb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
AK4705VQ AKM-AK4705VQ Datasheet
1Mb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
AK4706 AKM-AK4706_10 Datasheet
697Kb / 54P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com