Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF5407-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # UF5407-T3
Description  3.0A ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF5407-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  UF5407-T3 Datasheet HTML 1Page - Won-Top Electronics UF5407-T3 Datasheet HTML 2Page - Won-Top Electronics UF5407-T3 Datasheet HTML 3Page - Won-Top Electronics UF5407-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UF5400 – UF5408
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
1,200
370 x 370 x 420
6,000
10.0
TAPE & BOX
255 x 75 x 150
1,200
400 x 273 x 415
12,000
17.0
BULK
200 x 85 x 40
500
459 x 214 x 256
12,500
16.0
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
Cathode
= Polarity Band
UF540x
= Device Number
x
= 0, 1, 2, 3, 4, 6, 7 or 8
WTE
= Manufacturer’s Logo
UF54 0x
WTE
0.8mm
MAX
10mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
200mm
85mm
40mm


Similar Part No. - UF5407-T3

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
UF5407-2C3A-2CDO-27 DGNJDZ-UF5407-2C3A-2CDO-27 Datasheet
69Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Gulf Semiconductor
UF5407-E GULFSEMI-UF5407-E Datasheet
218Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER Voltage: 50 to 1000V Current: 3.0A
logo
Frontier Electronics.
UF5407-LFR FRONTIER-UF5407-LFR Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - UF5407-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER301 WTE-HER301_06 Datasheet
52Kb / 4P
   3.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
UF5401 ZSELEC-UF5401 Datasheet
109Kb / 2P
   3.0A ULTRAFAST DIODE
logo
Gaomi Xinghe Electronic...
UF5404 GXELECTRONICS-UF5404 Datasheet
325Kb / 2P
   3.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
HER301 ZSELEC-HER301 Datasheet
116Kb / 2P
   3.0A ULTRAFAST DIODE
logo
Gaomi Xinghe Electronic...
UF5400 GXELECTRONICS-UF5400 Datasheet
325Kb / 2P
   3.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
UG3001 ZSELEC-UG3001 Datasheet
137Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
EGP30A ZSELEC-EGP30A Datasheet
90Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
HER301G ZSELEC-HER301G Datasheet
134Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
UF300G ZSELEC-UF300G Datasheet
139Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
UG5401 ZSELEC-UG5401 Datasheet
137Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com