Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4536 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD4536
Description  16-Bit Mono CODEC with ALC & MIC/SPK-AMP
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4536 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD4536 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4536 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4536 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4536 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4536 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4536 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4536 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4536 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4536 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
ASAHI KASEI
[AK4536]
MS0174-E-00
2002/09
- 10 -
Parameter
Symbol
min
typ
max
Units
PLL Slave Mode (PLL Reference Clock = BICK pin) (See Figure 6, Figure 7, Figure 8 and Figure 9)
FCK Frequency
Pulse width High
fFCK
tFCKH
7.35
tBCK-60
26
1/fFCK-tBFCK
kHz
ns
BICK Period (PLL2-0 = “001”)
(PLL2-0 = “010”)
(PLL2-0 = “011”)
BICK Pulse Width Low
Pulse Width High
tBCK
tBCK
tBCK
tBCKL
tBCKH
0.4 x tBCK
0.4 x tBCK
1/16fFCK
1/32fFCK
1/64fFCK
ns
ns
ns
ns
ns
FCK “
↑” to BICK “↑” (Note 21)
FCK “
↑” to BICK “↓” (Note 22)
BICK “
↑” to FCK “↑” (Note 21)
BICK “
↓” to FCK “↑” (Note 22)
BICK “
↑” to SDTO (BCKP = “0”)
BICK “
↓” to SDTO (BCKP = “1”)
SDTI Hold Time
SDTI Setup Time
tFCKB
tFCKB
tBFCK
tBFCK
tBSD
tBSD
tSDH
tSDS
0.4 x tBCK
0.4 x tBCK
0.4 x tBCK
0.4 x tBCK
60
60
80
80
ns
ns
ns
ns
ns
ns
ns
ns
EXT Slave Mode (See Figure 10 and Figure 11)
MCKI Frequency: 256fs
512fs
1024fs
Pulse Width Low
Pulse Width High
AC Pulse Width (Note 23)
fCLK
fCLK
fCLK
tCLKL
tCLKH
tACW
1.8816
3.7632
7.5264
0.4/fCLK
0.4/fCLK
0.4/fCLK
2.048
4.096
8.192
6.656
13.312
13.312
MHz
MHz
MHz
ns
ns
ns
FCK Frequency (MCKI = 256fs or 512fs)
(MCKI = 1024fs)
Duty
fFCK
fFCK
duty
7.35
7.35
45
8
8
26
13
55
kHz
kHz
%
BICK Period
BICK Pulse Width Low
Pulse Width High
tBCK
tBCKL
tBCKH
600
240
240
ns
ns
ns
FCK Edge to BICK “
↑” ”
(Note 24)
BICK “
↑” to FCK Edge
(Note 24)
FCK to SDTO (MSB) (Except I
2S mode)
BICK “
↓” to SDTO
SDTI Hold Time
SDTI Setup Time
tFCKB
tBFCK
tFSD
tBSD
tSDH
tSDS
50
50
50
50
80
80
ns
ns
ns
ns
ns
ns
Note 21. MSBS, BCKP bits = “00” or “11”
Note 22. MSBS, BCKP bits = “01” or “10”
Note 23. Pulse width to ground level when MCKI is connected to a capacitor in series and a resistor is connected to ground.
(Refer to Figure 3)
Note 24. BICK rising edge must not occur at the same time as FCK edge.


Similar Part No. - AKD4536

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4532 AKM-AKD4532 Datasheet
345Kb / 17P
   Internet/Network/General Purpose Multimedia Audio CODEC
AKD4534 AKM-AKD4534 Datasheet
421Kb / 64P
   16Bit CODEC with MIC/HP/SPK-AMP
AKD4537 AKM-AKD4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AKD4537 AKM-AKD4537 Datasheet
290Kb / 32P
   Evaluation board Rev.B for AK4537
AKD4538 AKM-AKD4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AKD4536

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com