Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6004AF Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK6004AF
Description  I2C bus 4K / 16Kbit Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6004AF Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK6004AF Datasheet HTML 6Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 7Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 8Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 9Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 10Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 11Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 12Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 13Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ASAHI KASEI
[AK6004A/08A]
DAI01E-02
2002/11
- 10 -
SEQUENTIAL READ
Sequential read can be initiated as either a current read or random read. The first word is
transmitted in the same manner as the other read modes. However the master responds with an
acknowledge, indicating it requires additional data. The AK6004A/08A continues to output data for
each acknowledge received. The data output is sequential, with the data from address n followed
by the data from n+1.
The master will not acknowledge the transfer but generate the stop
condition, and therefore the AK6004A/08A discontinues transmission.
AK6004A: When the highest address is reached ($1FF), the address counter rolls over to address
$000 allowing the read cycle to be continued indefinitely.
AK6008A: When the highest address is reached ($7FF), the address counter rolls over to address
$000 allowing the read cycle to be continued indefinitely.
SEQUENTIAL READ
SDA LINE
DATA(n)
A
C
K
S
T
O
P
P
DATA(n+1)
A
C
K
DATA(n+2)
A
C
K
A
C
K
DATA(n+x)
Bus Activity:
AK6004A/08A
Bus Activity:
Master
SLAVE
ADDRESS


Similar Part No. - AK6004AF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6004AF AKM-AK6004AF Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
More results

Similar Description - AK6004AF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6416C AKM-AK6416C Datasheet
139Kb / 14P
   16Kbit Serial CMOS EEPROM
AK6416A AKM-AK6416A Datasheet
118Kb / 12P
   16Kbit Serial CMOS EEPROM
AK6002A AKM-AK6002A Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
logo
Microchip Technology
24AA04 MICROCHIP-24AA04_09 Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04B MICROCHIP-24LC04B Datasheet
343Kb / 26P
   4K I2C Serial EEPROM
12/08/06
24LC04B-ESN MICROCHIP-24LC04B-ESN Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA044 MICROCHIP-24AA044 Datasheet
931Kb / 32P
   4K I2C??Serial EEPROM
03/25/14
24AA04IP MICROCHIP-24AA04IP Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
02/04/09
24AA04 MICROCHIP-24AA04_07 Datasheet
418Kb / 26P
   4K I2C??Serial EEPROM
2007
24LC04BT-I-SNG MICROCHIP-24LC04BT-I-SNG Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com