Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C85AM Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK93C85AM
Description  16K / 32K / 64Kbit Serial CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C85AM Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK93C85AM Datasheet HTML 1Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ASAHI KASEI
[AK93C85A/95A/10A]
DAM02E-03
2004/05
- 1 -
AK93C85A / 95A / 10A
16K / 32K / 64Kbit Serial CMOS EEPROM
Features
ADVANCED CMOS EEPROM TECHNOLOGY
READ/WRITE NON-VOLATILE MEMORY
WIDE VCC OPERATION : VCC = 1.8V to 5.5V
AK93C85A ・・16384 bits, 1024 x 16 organization
AK93C95A ・・32768 bits, 2048 x 16 organization
AK93C10A ・・65536 bits, 4096 x 16 organization
SERIAL INTERFACE
- Interfaces with popular microcontrollers and standard microprocessors
LOW POWER CONSUMPTION
- 0.4mA Max. Read Operation
- 0.8
µA Max. Standby
High Reliability
- Endurance
: 100K cycles
- Data Retention : 10 years
Automatic address increment (READ)
Automatic write cycle time-out with auto-ERASE (Max. 8ms: VCC=4.5V to 5.5V)
Busy/Ready status signal
Software controlled write protection
IDEAL FOR LOW DENSITY DATA STORAGE
- Low cost, space saving, 8-pin package (SOP, SSOP)
Block Diagram
93C10A=65536bit
93C85A=16384bit
93C95A=32768bit
VPP
GENERATOR
DATA
REGISTER
INSTRUCTION
DECODE,
CONTROL
AND
CLOCK
GENERATION
INSTRUCTION
REGISTER
EEPROM
DI
CS
SK
ADD.
BUFFERS
VREF
VPP SW
DECODER
R/W AMPS
AND
AUTO ERASE
DO
16
16


Similar Part No. - AK93C85AM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C85AM AKM-AK93C85AM Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
More results

Similar Description - AK93C85AM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
   64Kbit Serial SPI EEPROM
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16_14 Datasheet
2Mb / 12P
   CMOS 16K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com