|
| SZ25A2.4 |
|
||
|
SSDI |
|
2 page
NOTES: 1/ All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on the measured value due to heating effects. 2/ Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current. 3/ SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels. 4/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory. 5/ Screened to MIL-PRF-19500. 6/ Suffix “L” for Axial, “SM” for Round Tab Surface Mount, and “SMS” for Square Tab Surface Mount. Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SZ25A2.4 thru SZ25A43 Electrical Characteristics @ 25°C (Unless Otherwise Specified) Maximum Continuous Current PART NUMBER 6/ Nominal Zener Voltage (note 1) Zener Test Current Maximum Zener Impedance (note 2) Maximum Reverse Leakage Current Axial (L) Surface Mount (SM) and (SMS) Voltage Tolerance VZ @ IZT IZT ZZ @ IZT IR @ VR VR 10% (A Suffix) VR 5% (B Suffix) IZM IZM 10% 5% Volts mA Ohms μA Volts Volts mA mA SZ25A2.4 SZ25A2.7 SZ25A3.0 SZ25A3.3 SZ25A3.6 SZ25B2.4 SZ25B2.7 SZ25B3.0 SZ25B3.3 SZ25B3.6 2.4 2.7 3.0 3.3 3.6 10 10 10 10 10 30 30 30 28 24 100 75 50 25 15 0.95 0.95 0.95 0.95 0.95 1.0 1.0 1.0 1.0 1.0 95 90 85 80 75 142.5 135.0 127.5 120.0 112.5 SZ25A3.9 SZ25A4.3 SZ25A4.7 SZ25A5.1 SZ25A5.6 SZ25B3.9 SZ25B4.3 SZ25B4.7 SZ25B5.1 SZ25B5.6 3.9 4.3 4.7 5.1 5.6 10 10 10 10 5 23 22 20 18 14 10 5 5 5 5 0.95 0.95 1.9 1.9 2.9 1.0 1.0 2.0 2.0 3.0 70 65 60 55 50 105.0 97.5 90.0 82.5 75.0 SZ25A6.2 SZ25A6.8 SZ25A7.5 SZ25A8.2 SZ25A8.7 SZ25B6.2 SZ25B6.8 SZ25B7.5 SZ25B8.2 SZ25B8.7 6.2 6.8 7.5 8.2 8.7 5 5 5 5 5 10 8 8 9 9 5 3 3 3 3 3.8 4.8 5.7 6.2 6.2 4.0 5.0 6.0 6.5 6.5 45 35 31.8 29.0 27.4 67.5 52.5 47.7 43.5 41.1 SZ25A9.1 SZ25A10 SZ25A11 SZ25A12 SZ25A13 SZ25B9.1 SZ25B10 SZ25B11 SZ25B12 SZ25B13 9.1 10 11 12 13 5 5 5 5 5 11 18 24 32 15 3 3 2 1 0.5 6.7 7.6 8.0 8.7 9.4 7.0 8.0 8.4 9.1 9.9 26.2 24.8 21.6 20.4 19.0 39.3 37.2 32.4 30.6 28.5 SZ25A14 SZ25A15 SZ25A16 SZ25A17 SZ25A18 SZ25B14 SZ25B15 SZ25B16 SZ25B17 SZ25B18 14 15 16 17 18 5 2 2 2 2 16 18 18 20 22 0.1 0.1 0.1 0.1 0.1 9.5 10.5 11.4 12.4 13.3 10.0 11.0 12.0 13.0 14.0 17.5 16.3 15.4 14.5 13.2 26.25 24.45 23.10 21.75 19.80 SZ25A19 SZ25A20 SZ25A22 SZ25A24 SZ25A25 SZ25B19 SZ25B20 SZ25B22 SZ25B24 SZ25B25 19 20 22 24 25 2 2 1 1 1 24 26 30 34 36 0.1 0.1 0.1 0.1 0.1 13.3 14.3 16.2 17.1 18.1 14.0 15.0 17.0 18.0 19.0 12.5 11.9 10.8 9.9 9.5 18.75 17.85 16.20 14.85 14.25 SZ25A27 SZ25A28 SZ25A30 SZ25A33 SZ25A36 SZ25B27 SZ25B28 SZ25B30 SZ25B33 SZ25B36 27 28 30 33 36 1 1 1 1 1 42 44 50 58 70 0.1 0.1 0.1 0.1 0.1 20.0 20.0 22.0 24.0 26.0 21.0 21.0 23.0 25.0 27.0 8.8 8.5 7.9 7.2 6.6 13.20 12.75 11.85 10.80 9.90 SZ25A39 SZ25A43 SZ25B39 SZ25B43 39 43 1 1 80 93 0.1 0.1 29.0 31.0 30.0 33.0 6.1 5.5 9.15 8.25 NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: Z00001G DOC |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SZ5A2.4 | 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| SZ3GA7.5 | 3.0 W and 4.0 W 7.5 - 510 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| SZ6A7.5 | 6.0W 8.0W and 10W 7.5 - 270 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| SZ5706 | 5.0 WATT 6.8 - 270 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| UPG2163T5N | SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN | 1 2 3 4 5 More | California Eastern Labs |
| 1N708A | Hermetically Sealed Axial Lead Silicon Zener Diodes | 1 | Central Semiconductor Corp |
| 1N941BUR-1 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | 1 2 | Microsemi Corporation |
| 1N962BUR-1 | ZENER DIODES | 1 2 | Microsemi Corporation |
| BZD27 | Zener Diodes | 1 2 3 4 | Vishay Siliconix |
| DLQ5221B | TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES | 1 2 | Dc Components |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |