Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5380VT Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK5380VT
Description  96kHz 24Bit ADC with Single - ended Input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5380VT Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK5380VT Datasheet HTML 1Page - Asahi Kasei Microsystems AK5380VT Datasheet HTML 2Page - Asahi Kasei Microsystems AK5380VT Datasheet HTML 3Page - Asahi Kasei Microsystems AK5380VT Datasheet HTML 4Page - Asahi Kasei Microsystems AK5380VT Datasheet HTML 5Page - Asahi Kasei Microsystems AK5380VT Datasheet HTML 6Page - Asahi Kasei Microsystems AK5380VT Datasheet HTML 7Page - Asahi Kasei Microsystems AK5380VT Datasheet HTML 8Page - Asahi Kasei Microsystems AK5380VT Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ASAHI KASEI
[AK5380]
MS0100-E-01
2001/7
- 3 -
PIN/FUNCTION
No.
Pin Name
I/O
Description
1
AINR
I
Rch Analog Input Pin
2
AINL
I
Lch Analog Input Pin
3
NC
-
NC Pin
No internal bonding.
4
VCOM
O
Common Voltage Output Pin
Normally connected to AGND with a 0.1
µF ceramic capacitor in parallel with an
electrolytic capacitor less than 2.2
µF.
5
AGND
-
Analog Ground Pin, 0V
6
VA
-
Analog Power Supply Pin, +4.5
∼+5.5V
7
VD
-
Digital Power Supply Pin, +2.7
∼+5.5V(fs=48kHz), +4.5∼+5.5V(fs=96kHz)
8
DGND
-
Digital Ground Pin, 0V
9
SDTO
O
Serial Data Output Pin
Data bits are presented MSB first, in 2’s complement format.
This pin is “L” in the power-down mode.
10
LRCK
I
Left/Right Channel Select Pin
The fs clock is input to this pin.
11
MCLK
I
Master Clock Input Pin
12
SCLK
I
Serial Data Input Pin
Output data is clocked out on the falling edge of SCLK.
13
PDN
I
Power-Down Pin
When “L”, the circuit is in power-down mode.
The AK5380 should always be reset upon power-up.
14
DIF
I
Serial Interface Format Pin
“L”: MSB justified, “H”: I
2S
15
TTL
I
Digital Input Level Select Pin
“L”: CMOS level (VD=2.7
∼5.5V), “H”: TTL level (VD=4.5∼5.5V)
16
TST
I
Test Pin (Internal pull-down pin)
This pin should be left open.
Note: All input pins except pull-down pins should not be left floating.


Similar Part No. - AK5380VT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK5381 ETC-AK5381 Datasheet
201Kb / 21P
   Evaluation board Rev.A for AK5381
logo
Asahi Kasei Microsystem...
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5381 AKM-AK5381 Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AK5381ET AKM-AK5381ET Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5381VT AKM-AK5381VT Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
More results

Similar Description - AK5380VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5353 AKM-AK5353 Datasheet
114Kb / 17P
   96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com