Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4533 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4533
Description  Audio Codec with Touch Screen Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4533 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4533 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
[ASAHI KASEI]
<Revision 0.9a>
July 00
3
PIN/FUNCTION
No.
Signal Name
I/O
Description
Power Supply
7
DGND
-
Digital Ground
8
VD
-
Digital Power Supply : +3V
21
VB
-
Power Supply(Bulk) : +3V
26
VA1
-
Analog Power Supply : +3V
27
AGND1
-
Analog Ground
40
VA2
-
Analog Power Supply : +3V
41
AGND2
-
Analog Ground
Reset/Power Down
15
RESETB
I
Reset Pin
The device is powered down except for VCOM when this pin is “L”. All
registers are cleared and are set to default values.
16
PDB
I
Power down Pin
All blocks including VCOM are powered down when this pin is set to “L”.
Audio CODEC
9
SDO
O
Audio ADC Serial Data Output
10
SCLK
O
Audio data Serial Output/Input Clock : 32fs
The device outputs ADC data through SDO pin at the falling edge of SCLK
clock. The device latches DAC (input) data through SDI pin at the rising
edge of SCLK clock.
11
LRCK
O
Left/Right channel Select Clock, 1fs
H: Left channel, L: Right channel
When both of ADC block and DAC block go into power-down mode, this pin
outputs “L”. Either of block is active, the device outputs LRCK clock.
13
SDI
I
Audio DAC Serial Data Input
14
MCLK
I
Master Clock Input
256fs or 512fs, which is selected by MSEL bit in the Control Register, master
clock is input to this pin.
23
LOUT
O
DAC Left Channel Analog Output
Note) Load resistance must be greater than 10K
Ω. Load capacitance must
be less than 50pF.
24
ROUT
O
DAC Right channel Analog Output
Note) Load resistance must be greater than 10K
Ω. Load capacitance must
be less than 50pF.
28
VCOM
O
Analog Common Voltage Output
Reference voltage of all analog circuit block (VA/2)
Connect 4.7uF and 0.1uF capacitors
29
VCOMAD
O
Analog Common Voltage Output for ADC
Reference voltage of ADC block
Connect 4.7uF and 0.1uF capacitors
30
AFILT
I
Anti aliasing Filter for A/D Input
Connect 1nF capacitor.
31
AIN
I
Analog Input
Input inverting analog signal which is output from MICOUT pin
1uF capacitor is connected between MICOUT pin and AIN pin.
32
MICOUT
O
Microphone Analog Output
Output inverting analog signal with 20dB gain of MICIN signal.
33
MICIN
I
Microphone Analog Input
Input analog signal from microphone


Similar Part No. - AK4533

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4532 AKM-AK4532 Datasheet
345Kb / 17P
   Internet/Network/General Purpose Multimedia Audio CODEC
AK4532 AKM-AK4532_04 Datasheet
244Kb / 17P
   Internet/Network/General Purpose Multimedia Audio CODEC
AK4534 AKM-AK4534 Datasheet
421Kb / 64P
   16Bit CODEC with MIC/HP/SPK-AMP
AK4534VN AKM-AK4534VN Datasheet
421Kb / 64P
   16Bit CODEC with MIC/HP/SPK-AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results

Similar Description - AK4533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
   Multimedia AC97 CODEC with Integrated Touch Screen Controller
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com