Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD5380 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD5380
Description  96kHz 24Bit ADC with Single - ended Input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5380 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD5380 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5380 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5380 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5380 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5380 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5380 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5380 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5380 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD5380 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ASAHI KASEI
[AK5380]
MS0100-E-01
2001/7
- 7 -
DIGITAL CHARACTERISTICS (CMOS level input)
(Ta=25
°C; VA=4.5∼5.5V; VD=2.7∼5.5V; TTL = “L”)
Parameter
Symbol
min
typ
Max
Units
High-Level input voltage
Low-Level input voltage
VIH
VIL
0.7xVD
-
-
-
-
0.3xVD
V
V
High-Level output voltage
(Iout= -100
µA)
Low-Level output voltage
(Iout= 100
µA)
VOH
VOL
VD-0.5
-
-
-
-
0.5
V
V
Input leakage current
(except TST pin)
Iin
-
-
±10
µA
DIGITAL CHARACTERISTICS (TTL level input)
(Ta=25
°C; VA=4.5∼5.5V; VD=4.5∼5.5V; TTL = “H”)
Parameter
Symbol
min
typ
Max
Units
High-Level input voltage
(TTL pin)
(All pins except TTL pin)
Low-Level input voltage
(TTL pin)
(All pins except TTL pin)
VIH
VIH
VIL
VIL
0.7xVD
2.2
-
-
-
-
-
-
-
-
0.3xVD
0.8
V
V
V
V
High-Level output voltage
(Iout= -100
µA)
Low-Level output voltage
(Iout= 100
µA)
VOH
VOL
VD-0.5
-
-
-
-
0.5
V
V
Input leakage current
(except TST pin)
Iin
-
-
±10
µA


Similar Part No. - AKD5380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AKD5381 ETC-AKD5381 Datasheet
201Kb / 21P
   Evaluation board Rev.A for AK5381
logo
Asahi Kasei Microsystem...
AKD5381 AKM-AKD5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD5383 AKM-AKD5383 Datasheet
123Kb / 20P
   Enhanced Dual bit 96 kHz 24-bit ADC
AKD5383 AKM-AKD5383 Datasheet
409Kb / 22P
   EVALUATION BOARD REV.B FOR AK5383VF
More results

Similar Description - AKD5380

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5353 AKM-AK5353 Datasheet
114Kb / 17P
   96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com