Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C65CL Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK93C65CL
Description  1K/2K/4Kbit Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C65CL Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK93C65CL Datasheet HTML 1Page - Asahi Kasei Microsystems AK93C65CL Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C65CL Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C65CL Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C65CL Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C65CL Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C65CL Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C65CL Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C65CL Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ASAHI KASEI
[AK93C45C/55C/65C]
DAM06E-01
2005/10
- 5 -
WRITE
The write instruction is followed by 16 bits of data to be written into the specified address.
After the
last bit of data is put on the DI pin, the CS pin must be brought low before the next rising edge of the
SK clock.
This falling edge of the CS initiates the self-timed programming cycle.
The DO
indicates the Busy/Ready status of the chip if the CS is brought high after a minimum of ‘tCS’.
DO=logical "0" indicates that programming is still in progress.
DO=logical "1" indicates that the
register at the address specified in the instruction has been written with the new data pattern
contained in the instruction and the part is ready for a next instruction.
WRITE (AK93C45C)
WRITE (AK93C55C)
WRITE (AK93C65C)
Hi-Z
0
tE/W
CS
SK
DI
DO
Start Bit
Op code
tCS
Busy
Ready
AK93C45C output a logic "1" (Ready status),
if previous instruction is WRITE, PAGE WRITE, WRAL.
D0
1
2
3
4
5
8
9
10
11
23
24
25
D1
D2
D14
D15
A0
A1
A4
1
0
1
0
A5
PE
Hi-Z
0
tE/W
CS
SK
DI
DO
Start Bit
Op code
tCS
Busy
Ready
AK93C55C output a logic "1" (Ready status),
if previous instruction is WRITE, PAGE WRITE, WRAL.
D0
1
2
3
4
5
10
11
12
13
25
26
27
D1
D2
D14
D15
A0
A1
A6
1
0
1
0
X: Don't care
X
PE
Hi-Z
0
tE/W
CS
SK
DI
DO
Start Bit
Op code
tCS
Busy
Ready
AK93C65C output a logic "1" (Ready status),
if previous instruction is WRITE, PAGE WRITE, WRAL.
D0
1
2
3
4
5
10
11
12
13
25
26
27
D1
D2
D14
D15
A0
A1
A6
1
0
1
0
A7
PE


Similar Part No. - AK93C65CL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C65C AKM-AK93C65C Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C65C AKM-AK93C65C Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C65CL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
logo
Catalyst Semiconductor
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com