Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4529 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4529
Description  High Performance Multi-channel Audio CODEC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4529 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4529 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
ASAHI KASEI
[AK4529]
MS0082-E-00
2001/3
- 9 -
FILTER CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD=4.5∼5.5V; TVDD=2.7∼5.5V; fs=44.1kHz; DEM=OFF)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 14)
-0.005dB
-0.02dB
-0.06dB
-6.0dB
PB
0
-
-
-
20.02
20.20
22.05
19.76
-
-
-
kHz
kHz
kHz
kHz
Stopband
SB
24.34
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
80
dB
Group Delay
(Note 15)
GD
27.6
1/fs
Group Delay Distortion
∆GD
0µs
ADC Digital Filter (HPF):
Frequency Response
(Note 14)
-3dB
-0.5dB
-0.1dB
FR
0.9
2.7
6.0
Hz
Hz
Hz
DAC Digital Filter:
Passband
(Note 14)
-0.1dB
-6.0dB
PB
0
-
22.05
20.0
-
kHz
kHz
Stopband
SB
24.2
kHz
Passband Ripple
PR
±0.02
dB
Stopband Attenuation
SA
56
dB
Group Delay
(Note 15)
GD
21.9
1/fs
DAC Digital Filter + Analog Filter:
Frequency Response:
0
∼ 20.0kHz
40.0kHz
(Note 16)
FR
FR
±0.2
±0.3
dB
dB
Notes: 14. The passband and stopband frequencies scale with fs.
For example, 20.02kHz at –0.02dB is 0.454 x fs. The reference frequency of these responses is 1kHz.
15. The calculating delay time which occurred by digital filtering. This time is from setting the input of analog
signal to setting the 24bit data of both channels to the output register for ADC.
For DAC, this time is from setting the 20/24bit data of both channels on input register to the output of analog
signal.
16. fs=96kHz.
DC CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD=4.5∼5.5V; TVDD=2.7∼5.5V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.2
-
-
-
-
0.8
V
V
High-Level Output Voltage
(SDTO pin:
Iout=-100µA)
(DZF1, DZF2/OVF pins:
Iout=-100µA)
Low-Level Output Voltage
(SDTO, DZF1, DZF2/OVF pins: Iout= 100µA)
(SDA pin:
Iout= 3mA)
VOH
VOH
VOL
VOL
TVDD-0.5
AVDD-0.5
-
-
-
-
-
-
-
-
0.5
0.4
V
V
V
V
Input Leakage Current
Iin
-
-
±10
µA


Similar Part No. - AK4529

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4520 AKM-AK4520 Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4520A AKM-AK4520A Datasheet
2Mb / 36P
   EVALUATION BOARD REV.B FOR AK4520A
AK4520A-VF AKM-AK4520A-VF Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
More results

Similar Description - AK4529

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
AK4527B AKM-AK4527B Datasheet
292Kb / 33P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4626 AKM-AK4626 Datasheet
570Kb / 40P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4629 AKM-AK4629 Datasheet
852Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4627 AKM-AK4627 Datasheet
668Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4628 AKM-AK4628 Datasheet
546Kb / 41P
   HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
   Multi-Channel High Definition Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com