Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4704 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4704
Description  2ch 24bit DAC with AV SCART switch
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4704 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4704 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4704 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4704 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4704 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4704 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4704 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4704 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4704 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4704 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ASAHI KASEI
AKM CONFIDENTIAL
[AK4704]
Rev. 0.5
2004/1
- 6 -
PIN/FUNCTION (Continued)
37
VSS
-
Ground Pin. 0V.
38
VD
-
DAC Power Supply Pin. 5V.
Normally connected to VSS with a 0.1
µF ceramic capacitor in parallel with a
10
µF electrolytic cap.
39
MCLK
(NC)
I
-
Master Clock Input Pin at DAPD=”0”.
NC (No Connection) pin at DAPD=”1”.
40
BICK
DACR
I
-
Audio Serial Data Clock Pin at DAPD=”0”.
Rch Analog Audio Input Pin at DAPD=”1”.
41
SDTI
(NC)
I
I
Audio Serial Data Input Pin at DAPD=”0”.
NC (No Connection) pin at DAPD=”1”.
42
LRCK
DACL
I
I
L/R Clock Pin at DAPD=”0”.
Lch Analog Audio Input Pin at DAPD=”1”.
43
SCL
I
Control Data Clock Pin
44
SDA
I/O
Control Data Pin
45
PDN
I
Power-Down Mode Pin
When at “L”, the AK4704 is in the power-down mode and is held in reset. The
AK4704 should always be reset upon power-up.
46
RFV
O
Composite Output Pin for RF modulator
47
VCRVOUT
O
Composite/Luminance Output Pin for VCR
48
TVFB
O
Fast Blanking Output Pin for TV
Note: All input pins should not be left floating.


Similar Part No. - AK4704

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AK4703VQ AKM-AK4703VQ Datasheet
342Kb / 38P
   AV SCART switch
AK4705 AKM-AK4705 Datasheet
679Kb / 50P
   2ch 24bit DAC with AV SCART Switch
More results

Similar Description - AK4704

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4705 AKM-AK4705 Datasheet
679Kb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4705VQ AKM-AK4705VQ Datasheet
1Mb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AKD4705-A AKM-AKD4705-A Datasheet
434Kb / 42P
   2ch DAC with AV SCART switch
AKD4706-A AKM-AKD4706-A Datasheet
549Kb / 34P
   2ch DAC with AV SCART switch
AK4706 AKM-AK4706_10 Datasheet
697Kb / 54P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
AK4706 AKM-AK4706 Datasheet
582Kb / 53P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com