Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0298040 Datasheet(PDF) 1 Page - Littelfuse

Part # 0298040
Description  MEGA Fuse Rated 32V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0298040 Datasheet(HTML) 1 Page - Littelfuse

  0298040 Datasheet HTML 1Page - Littelfuse 0298040 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bolt-down Fuses

w w w . l i t t e l f u s e . c o m
© 2006 Littelfuse Automotive Circuit Protection Products
MEGA® Fuse Rated 32V
The MEGA Fuse is designed for high current circuit protection
up to 500A with “Diffusion Pill Technology.” The MEGA Fuse
also provides time delay characteristics. Designed and patented
by Littelfuse, the MEGA Fuse is ideal for battery and alternator
protection application and other heavy gauge cables requiring
ultra-high current protection.
Die von Littelfuse entwickelte und patentierte MEGA-Sicherung
in Diffusionspillen-Technologie mit träger Charakteristik
ist für Überstrom-Schutzlösungen von bis zu 500A
konzipiert. Sie eignet sich ideal für Batterie- und Generator-
Schutzanwendungen oder andere Bereiche mit sehr großen
Kabelquerschnitten, die extrem hohe Anforderungen an den
Überstromschutz stellen.
Specifications
Interrupting Rating:
2000A @ 32 VDC
Voltage Rating:
32 VDC
Operating Temperature Range:
40˚C to + 125˚C
* Parts with asterik are short circuit protectors only.
** Voltage Drop measurements for short circuit protectors are at 75% of rated current.
Corresponding holder see Section “Fuse Holders.”
Last figure of part number = packaging code, see Section “Packaging Index,” pg. 157.
Part Number
Artikel-Nr.
Current Rating
Nennstrom
Color
Kennfarbe
Typ. Voltage Drop
Typ. Spannungsfall
Cold Resistance
Kaltwiderstand
It
0298040_
40 A
132 mV
2.510 m
Ω
0298060_
60 A
119 mV
1.504 m
Ω
0298080_
80 A
87 mV
0.720 m
Ω
0298100_
100 A
87 mV
0.562 m
Ω
31100 A²s
0298125_
125 A
80 mV
0.423 m
Ω
57800 A²s
0298150_
150 A
92 mV
0.352 m
Ω
100000 A²s
0298175_
175 A
86 mV
0.294 m
Ω
168000 A²s
0298200_
200 A
83 mV
0.257 m
Ω
204000 A²s
0298225_
225 A
82 mV
0.222 m
Ω
257000 A²s
0298250_
250 A
82 mV
0.201 m
Ω
389000 A²s
0298300_*
300 A
74 mV**
0.167 m
Ω
0298350_*
350 A
68 mV**
0.138 m
Ω
0298400_*
400 A
64 mV**
0.126 m
Ω
0298450_*
450 A
60 mV**
0.112 m
Ω
0298500_*
500 A
58 mV**
0.092 m
Ω
Time-Current Characteristics / Schmelzzeit-Grenzwerte
% of Rating
% des Nennstromes
Opening Time Min / Max (s)
Schmelzcharakteristik Min / Max (s)
0-0
00-00
75
– / –
4 hrs / –
100
4 hrs / –
– / –
135
120 s / 1800 s
– / 15 s
200
1 s / 15 s
1 s /
350
300 ms / 5 s
300 ms / 5 s
600
100 ms / 1 s
– / –


Similar Part No. - 0298040

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0298020000 WEIDMULLER-0298020000 Datasheet
1Mb / 52P
   SAK-series
logo
Littelfuse
0298080ZXEH-UL LITTELFUSE-0298080ZXEH-UL Datasheet
922Kb / 2P
   UL Recognized Mega짰 Fuse Rated 32V
02980900S LITTELFUSE-02980900S Datasheet
225Kb / 1P
   MEGA짰 298 BOLT-DOWN SERIES HIGH-CURRENT FUSE HOLDER
080421-A
02980900TXN LITTELFUSE-02980900TXN Datasheet
225Kb / 1P
   MEGA짰 298 BOLT-DOWN SERIES HIGH-CURRENT FUSE HOLDER
080421-A
02980900Z LITTELFUSE-02980900Z Datasheet
57Kb / 1P
   FUSE BLOCKS
More results

Similar Description - 0298040

ManufacturerPart #DatasheetDescription
logo
Littelfuse
029707.5U LITTELFUSE-029707.5U Datasheet
281Kb / 2P
   MINI짰 BLADE FUSE RATED 32V
0299025.TXN LITTELFUSE-0299025.TXN Datasheet
206Kb / 2P
   MAXI Blade Fuse Rated 32V
0297002 LITTELFUSE-0297002 Datasheet
197Kb / 2P
   MINI Blade Fuse Rated 32V
FP1 LITTELFUSE-FP1 Datasheet
189Kb / 2P
   Style PCB Fuse Rated 32V
028707.5H LITTELFUSE-028707.5H Datasheet
441Kb / 2P
   ATOF??Blade Fuse Rated 32V
0299020 LITTELFUSE-0299020 Datasheet
205Kb / 2P
   MAXI Blade Fuse Rated 32V
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
   ATO짰 Blade Fuse Rated 32V
0257001 LITTELFUSE-0257001 Datasheet
178Kb / 2P
   ATO Blade Fuse Rated 32V
0298080ZXEH-UL LITTELFUSE-0298080ZXEH-UL Datasheet
922Kb / 2P
   UL Recognized Mega짰 Fuse Rated 32V
0498030M LITTELFUSE-0498030M Datasheet
146Kb / 2P
   Clear MIDI짰 Style Bolt-down Fuse Rated 32V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com