Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST28VF040A-200-4C-NH Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST28VF040A-200-4C-NH
Description  4 Mbit (512K x8) SuperFlash EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST28VF040A-200-4C-NH Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST28VF040A-200-4C-NH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST28VF040A-200-4C-NH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST28VF040A-200-4C-NH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST28VF040A-200-4C-NH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST28VF040A-200-4C-NH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST28VF040A-200-4C-NH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST28VF040A-200-4C-NH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST28VF040A-200-4C-NH Datasheet HTML 13Page - Silicon Storage Technology, Inc SST28VF040A-200-4C-NH Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Data Sheet
4 Mbit SuperFlash EEPROM
SST28SF040A / SST28VF040A
©2003 Silicon Storage Technology, Inc.
S71077-05-000
3/03
310
AC CHARACTERISTICS
TABLE 11: READ CYCLE TIMING PARAMETERS FOR SST28SF040A
IEEE
Symbol
Industry
Symbol
Parameter
SST28SF040A-90
SST28SF040A-120
Units
Min
Max
Min
Max
tAVAV
TRC
Read Cycle Time
90
120
ns
tAVQV
TAA
Address Access Time
90
120
ns
tELQV
TCE
Chip Enable Access Time
90
120
ns
tGLQV
TOE
Output Enable Access Time
45
50
ns
tEHQZ
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
tGHQZ
TOLZ1
OE# Low to Active Output
0
0
ns
tELQX
TCHZ1
CE# High to High-Z Output
20
30
ns
tGLQX
TOHZ1
OE# High to High-Z Output
20
30
ns
tAXQX
TOH1
Output Hold from Address Change
0
0
ns
T11.6 310
TABLE 12: READ CYCLE TIMING PARAMETERS FOR SST28VF040A
IEEE
Symbol
Industry
Symbol
Parameter
SST28VF040A-150
SST28VF040A-200
Units
Min
Max
Min
Max
tAVAV
TRC
Read Cycle Time
150
200
ns
tAVQV
TAA
Address Access Time
150
200
ns
tELQV
TCE
Chip Enable Access Time
150
200
ns
tGLQV
TOE
Output Enable Access Time
75
100
ns
tEHQZ
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
tGHQZ
TOLZ1
OE# Low to Active Output
0
0
ns
tELQX
TCHZ1
CE# High to High-Z Output
40
60
ns
tGLQX
TOHZ1
OE# High to High-Z Output
40
60
ns
tAXQX
TOH1
Output Hold from Address Change
0
0
ns
T12.5 310


Similar Part No. - SST28VF040A-200-4C-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28VF040A-200-4C-NH SST-SST28VF040A-200-4C-NH Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
More results

Similar Description - SST28VF040A-200-4C-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST36VF3203 SST-SST36VF3203 Datasheet
431Kb / 34P
   32 Mbit (x8/x16) Concurrent SuperFlash
SST36VF1601G SST-SST36VF1601G Datasheet
935Kb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
   4 Mbit (512K x8) 3.0V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com