Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3970800000 Datasheet(PDF) 1 Page - Littelfuse

Part # 3970800000
Description  SUBMINIATURE FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

3970800000 Datasheet(HTML) 1 Page - Littelfuse

  3970800000 Datasheet HTML 1Page - Littelfuse 3970800000 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
032906
www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
8,5
∅ 0,6
5,08
1,5
max.4
350 mA
0350
125 V
400
140
0.38
25
15
29
500 mA
0500
125 V
340
170
0.79
30
17
38
800 mA
0800
125 V
300
240
2.4
60
31
50
1.00 A
1100
125 V
240
240
3.5
78
40
65
1.25 A
1125
125 V
200
250
5
100
50
67
1.50 A
1150
125 V
190
285
8.5
155
78
67
50A/125VAC
50-60Hz
cosϕ=1.0
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
SSSSSUBMINIA
UBMINIA
UBMINIA
UBMINIA
UBMINIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 70
70
70
70
70 % at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23 ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4 ºF).
ºF).
ºF).
ºF).
ºF).
Holes in PCB
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
397
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Surge Amplitude (A)1 Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.0 x I
N
10 x I
N
max. (mV)
max. (mW)
min. (A2s)
UL 248-14, 125 V
UL 248-14, 125 V
UL 248-14, 125 V
UL 248-14, 125 V
UL 248-14, 125 V, T
, T
, T
, T
, T
lead free
lead free
lead free
lead free
lead free
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Transient Tolerant (T)
Standard
Standard
Standard
Standard
Standard
UL 248-14
CSA C22.2 No. 248.14
Approvals
Approvals
Approvals
Approvals
Approvals
UL Listed
cUL Listed
Features
Features
Features
Features
Features
Surge Proof for telecom applications
Reduced PCB space requirements
Direct solderable or plug-in versions
Low internal resistance
Shocksafe casing
Vibration resistant
Halogen free
Rated Current
2.0 x I
N
5.7 x I
N
17 x I
N
350mA ... 1.50 A
< 60 s
80 ms ... 2 s
< 200 ms
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Tape/Ammopack (1400 pcs.)
044: Short Leads - Bulk (1400 pcs.)
Materials
Materials
Materials
Materials
Materials
Base/Cap:
Brown Thermoplastic
Polyamide PA 6.6, UL 94 V0
Round Pins: Copper, Sn plated
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40 ºC to +85 ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-40 ºC/+85 ºC/21 days (EN 60068-1,-2-1,-2-2,-78)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days-95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
10 N (EN 60068-2-21)
Solderability
Solderability
Solderability
Solderability
Solderability
260 ºC, ≤ 3 s (Wave)
350 ºC, ≤ 3 s (Soldering iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260 ºC, 10 s (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, T2CP, T, Current Rating
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.60 g (approx.)
No.
No.
No.
No.
No. 397 /
397 /
397 /
397 /
397 / TTTTT22222CP
CP
CP
CP
CP
Long Leads (L=18.8 mm)
Short Leads (L=4.3 mm)
1 FCC 47 Part 68:
Minimum pulse load quantity is 2 pulses at a test generator output of 800 V and 10x560 μs waveform.
ITU-T K.20:
Minimum pulse load quantity is 30 pulses at a test generator output of 1000 V, 67 A and 10x700 μs waveform.
Bellcore GR-1089: Minimum pulse load quantity is 50 pulses at a test generator output of 1000 V and 10x1000 μs.
Specifications are subject
to change without notice


Similar Part No. - 3970800000

ManufacturerPart #DatasheetDescription
logo
Agere Systems
3970 AGERE-3970 Datasheet
121Kb / 6P
   3970-Type 1550 nm Transmitter
logo
Qualtek Electronics Cor...
397001-01 QUALTEK-397001-01 Datasheet
163Kb / 1P
   POWER CORD
397002-01 QUALTEK-397002-01 Datasheet
167Kb / 1P
   POWER CORD
More results

Similar Description - 3970800000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
   Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
   Subminiature Fuses
logo
List of Unclassifed Man...
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
   Subminiature Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com