Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM134 Datasheet(PDF) 9 Page - Linear Technology

Part # LM134
Description  Constant Current Source and Temperature Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM134 Datasheet(HTML) 9 Page - Linear Technology

Back Button LM134 Datasheet HTML 4Page - Linear Technology LM134 Datasheet HTML 5Page - Linear Technology LM134 Datasheet HTML 6Page - Linear Technology LM134 Datasheet HTML 7Page - Linear Technology LM134 Datasheet HTML 8Page - Linear Technology LM134 Datasheet HTML 9Page - Linear Technology LM134 Datasheet HTML 10Page - Linear Technology LM134 Datasheet HTML 11Page - Linear Technology LM134 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LM134 Series
9
TYPICAL APPLICATIO S
Precision 10nA Current Source
Micropower 5V Reference
FET Cascoding for Low Capacitance
and/or Ultrahigh Output Impedance
SCHE ATIC DIAGRA
Q7
Q8
Q5
Q4
Q6
Q1
Q2
Q3
V+
V
R
C1
50pF
134 SD
+
IO
V+
V
R
R1
2.7k
R2
226k
R3
1M
R4
100M
LM134
2
3
4
7
6
8
LT1004-1.2
15V
–15V
15V
LT1008
BUFFERED
VOLTAGE
OUTPUT
200pF
IO = 10nA
ZO ≥ 10
12
COMPLIANCE = –14V TO 12.5V
TA14
R
LM334
TA15
+
2
3
4
7
6
8
LM4250
22M
LT1004-1.2
(1.235V)
5.6k
1M
1%
3.01M
1%
150pF
VIN = 6.5V TO 15V
VOUT = 5V
V
V+
R
LM334
RSET
ISET
ISET
VIN
–VIN
Q1*
V
V+
R
LM334
RSET
TA16
VIN
–VIN
Q2*
*SELECT Q1 OR Q2 TO ENSURE AT LEAST 1V
ACROSS THE LM134. VP (1 – ISET/IDSS) ≥ 1.2V.


Similar Part No. - LM134

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM134 STMICROELECTRONICS-LM134 Datasheet
1Mb / 11P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134 Datasheet
500Kb / 16P
   Three terminal adjustable current sources
More results

Similar Description - LM134

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM134 LINER-LM134_15 Datasheet
166Kb / 12P
   Constant Current Source and Temperature Sensor
LM334S8 LINER-LM334S8 Datasheet
110Kb / 2P
   Constant Current Source and Temperature Sensor
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
   Constant current source
2001 May 07
logo
ON Semiconductor
AND8109 ONSEMI-AND8109 Datasheet
32Kb / 2P
   LED CONSTANT CURRENT SOURCE SCHEME
January, 2003 ??Rev. 0
logo
List of Unclassifed Man...
AN103 ETC1-AN103 Datasheet
53Kb / 5P
   The FET Constant-Current Source/Limiter
logo
Nexperia B.V. All right...
PSSI2021SAY NEXPERIA-PSSI2021SAY Datasheet
188Kb / 13P
   Constant current source in SOT353 package
Rev. 03 - 27 August 2009
logo
TEKTRONIX, INC.
6220 TEKTRONIX-6220 Datasheet
461Kb / 5P
   DC Current Source AC and DC Current Source
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com