Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3721200000 Datasheet(PDF) 1 Page - Littelfuse

Part # 3721200000
Description  SUBMINIATURE FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

3721200000 Datasheet(HTML) 1 Page - Littelfuse

  3721200000 Datasheet HTML 1Page - Littelfuse 3721200000 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
011906
∅ 8.5
∅ 0.6
5.08
40mA
0040
250V
900
90
0.009
50mA
0050
250V
500
70
0.01
63mA
0063
250V
400
80
0.02
80mA
0080
250V
370
100
0.023
100mA
0100
250V
300
110
0.047
125mA
0125
250V
260
120
0.066
160mA
0160
250V
200
130
0.14
200mA
0200
250V
170
140
0.20
250mA
0250
250V
150
150
0.28
315mA
0315
250V
140
160
0.36
400mA
0400
250V
130
170
0.9
500mA
0500
250V
125
180
1.3
630mA
0630
250V
120
200
2.5
800mA
0800
250V
110
220
3.8
1.00A
1100
250V
110
360
5.5
• •
1.25A
1125
250V
95
450
9
• •
1.60A
1160
250V
95
450
14
• •
2.00A
1200
250V
85
600
23
• •
2.50A
1250
250V
80
700
35
• •
3.15A
1315
250V
80
1100
60
• •
4.00A
1400
250V
75
1200
95
• •
5.00A
1500
250V
80
1300
94
G
6.30A*
1630
250V
58
1250
105
G
••
35A / 250 V AC 1
50-60Hz
cos ϕ = 1.0
40A / 250 V AC
50A / 250 V AC
**
**
SSSSSUBMINIA
UBMINIA
UBMINIA
UBMINIA
UBMINIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Long Leads (L=18.8mm)
Short Leads (L=4.3mm)
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 100
100
100
100
100 % at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23 ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4 ºF).
ºF).
ºF).
ºF).
ºF).
Holes in PCB
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
372
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.5 x I
N
10 x I
N
max. (mV)
max. (mW)
min. (A2s)
Rated Current
1.5 x I
N
2.1 x I
N
2.75 x I
N
4 x I
N
10 x I
N
40 mA ... 6.30 A
> 1 h
< 2 min
400 ms ... 10s 150 ms ... 3 s 20 ms ... 150 ms
No.
No.
No.
No.
No. 372 /
372 /
372 /
372 /
372 / TR5
TR5
TR5
TR5
TR5®®®®®
IEC 60127-3/IV
IEC 60127-3/IV
IEC 60127-3/IV
IEC 60127-3/IV
IEC 60127-3/IV, 250 V
, 250 V
, 250 V
, 250 V
, 250 V, T
, T
, T
, T
, T
Lead Free
Lead Free
Lead Free
Lead Free
Lead Free
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Time Lag (T)
Standard
Standard
Standard
Standard
Standard
IEC 60127-3/IV
Approvals
Approvals
Approvals
Approvals
Approvals
VDE
SEMKO
cULus Recognized
METI
CCC
Features
Features
Features
Features
Features
Lead Free
Reduced PCB space requirements
Direct solderable or plug-in versions
Internationally approved
Low internal resistance
Shocksafe casing
Halogen free
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Tape/Ammopack (1,000 pcs.)
041: Short Leads - Bulk (1,000 pcs.)
Materials
Materials
Materials
Materials
Materials
Base/Cap:
Brown Thermoplastic
Polyamide PA 6.6, UL 94V0
Round Pins: Copper, Sn plated
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40 ºC to +85 ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-40 ºC/+85 ºC/21 days (EN 60068-1,-2-1,-2-2,-78)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days-95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-2-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
10 N (EN 60068-2-21)
Solderability
Solderability
Solderability
Solderability
Solderability
260 ºC, ≤ 3 s (Wave)
350 ºC, ≤ 3 s (Soldering iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260 ºC, 10 s (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, 372, 250 V, T, Current Rating, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.77 g (approx.)
1 Per UL, approved breaking capacity is 50 A at 250 V.
* Conducting path min. 0.2 mm2
**PSE-JET and K-Mark for China production
Specifications are subject
to change without notice
G Expert Report
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.


Similar Part No. - 3721200000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
37212 ETC2-37212 Datasheet
59Kb / 2P
   CORRUGATED IN-PLANT HANDLERS
3721291 ETC-3721291 Datasheet
189Kb / 3P
   Self-clinching nuts for metallic materials
3721292 ETC-3721292 Datasheet
189Kb / 3P
   Self-clinching nuts for metallic materials
3721294 ETC-3721294 Datasheet
189Kb / 3P
   Self-clinching nuts for metallic materials
3721295 ETC-3721295 Datasheet
189Kb / 3P
   Self-clinching nuts for metallic materials
More results

Similar Description - 3721200000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
   Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
   Subminiature Fuses
logo
List of Unclassifed Man...
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
   Subminiature Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com