Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1001C Datasheet(PDF) 5 Page - Linear Technology

Part # LT1001C
Description  Precision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1001C Datasheet(HTML) 5 Page - Linear Technology

  LT1001C Datasheet HTML 1Page - Linear Technology LT1001C Datasheet HTML 2Page - Linear Technology LT1001C Datasheet HTML 3Page - Linear Technology LT1001C Datasheet HTML 4Page - Linear Technology LT1001C Datasheet HTML 5Page - Linear Technology LT1001C Datasheet HTML 6Page - Linear Technology LT1001C Datasheet HTML 7Page - Linear Technology LT1001C Datasheet HTML 8Page - Linear Technology LT1001C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1001
1001fb
TYPICAL PERFORMANCE CHARACTERISTICS
Common Mode Limit
vs Temperature
TEMPERATURE
°C
–50
V+
–0.2
–0.4
–0.6
–0.8
–1.0
+1.0
+0.8
+0.6
+0.4
+0.2
V
25
75
1001 G13
–25
0
50
100
125
V = –1.2 to –4V
V = –12 to –18V
V + = 12 to 18V
V + = 1.2 to 4V
FREQUENCY (MHz)
0.1
0.2
0.5
1
1001 G12
PHASE MARGIN –55
°C = 63°
125
°C = 57°
20
16
12
8
4
0
–4
–8
80
100
120
140
160
180
200
220
2
PHASE 25
°C
GAIN 125
°C
VS = ±15V
GAIN 25
°C & –55°C
25
°C
PHASE
MARGIN
= 60
°
Gain, Phase Shift vs Frequency
FREQUENCY (Hz)
0.1
10M
1001 G11
10
100
10k
1M
1
1k
100k
140
120
100
80
60
40
20
0
–20
TA = 25°C
VS = ±15V
VS = ±3V
Open Loop Voltage Gain
Frequency Response
FREQUENCY (Hz)
1
140
120
100
80
60
40
20
10
100
1k
10k
1001 G14
100k
1M
VS = ±15V
TA = 25°C
Common Mode Rejection Ratio
vs Frequency
SUPPLY VOLTAGE (V)
2.0
1.5
1.0
0.5
±9
±15
1001 G16
±3 ±6
±12
±18 ±21
–55
°C
125
°C
25
°C
Supply Current vs Supply Voltage
LOAD RESISTANCE (
Ω)
100
300
16
12
8
4
0
1000
3k
10k
1001 G17
VS = ±15V
TA = 25°C
POSITIVE SWING
NEGATIVE SWING
Output Swing vs Load Resistance
TEMPERATURE (
°C)
–50
1200k
1000k
800k
600k
400k
200k
0
25
75
1001 G10
–25
0
50
100
125
VS = ±15V, VO = ±12V
VS = ±3V, VO = ±1V
Open Loop Voltage Gain
vs Temperature
TIME FROM OPUTPUT SHORT (MINUTES)
0
2
50
40
30
20
10
–10
–20
–30
–40
–50
1001 G18
13
4
–55
°C
–55
°C
25
°C
25
°C
125
°C
125
°C
VS = ±15V
Output Short-Circuit Current
vs Time
FREQUENCY (Hz)
140
120
100
80
60
40
20
0
1001 G15
0.1
1
10
100
1k
10k
100k
VS = ±15V ±1V p-p
TA = 25°C
NEGATIVE SUPPLY
POSITIVE SUPPLY
Power Supply Rejection Ratio
vs Frequency


Similar Part No. - LT1001C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1001C LINER-LT1001C Datasheet
326Kb / 12P
   Precision Operational Amplifier
LT1001CH LINER-LT1001CH Datasheet
326Kb / 12P
   Precision Operational Amplifier
LT1001CJ8 LINER-LT1001CJ8 Datasheet
326Kb / 12P
   Precision Operational Amplifier
LT1001CN8 LINER-LT1001CN8 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Linear Dimensions Semic...
LT1001CN8 LINEAR_DIMENSIONS-LT1001CN8 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results

Similar Description - LT1001C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com