Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1006S8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1006S8
Description  Precision, Single Supply Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1006S8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1006S8 Datasheet HTML 4Page - Linear Technology LT1006S8 Datasheet HTML 5Page - Linear Technology LT1006S8 Datasheet HTML 6Page - Linear Technology LT1006S8 Datasheet HTML 7Page - Linear Technology LT1006S8 Datasheet HTML 8Page - Linear Technology LT1006S8 Datasheet HTML 9Page - Linear Technology LT1006S8 Datasheet HTML 10Page - Linear Technology LT1006S8 Datasheet HTML 11Page - Linear Technology LT1006S8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1006
1006fa
TYPICAL PERFOR A CE CHARACTERISTICS
Large Transient Response,
VS = 5V, 0V
Large-Signal Transient Response,
VS = ±15V
Large-Signal Transient Response,
VS = 5V, 0V
FREQUENCY (Hz)
0.01
60
80
100
1M
LT1006 • G20
40
20
–20
1
0.1
10
1k
100k
10M
100
10k
0
140
120
TA = 25°C
CL = 10pF
VS = 5V, 0V
VS = ±15V
FREQUENCY (MHz)
0.1
20
110
LT1006 • G21
–10
0
10
200
0.3
3
160
80
100
120
180
140
TA = 25°C
VCM = 0V
CL = 10pF
PHASE
±15V
±15V
GAIN
5V, 0V
5V, 0V
FREQUENCY (Hz)
0.1
80
100
120
100
10k
LT1006 • G22
60
40
110
1k
100k
1M
20
0
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
VS = ±15V + 1Vp-p SINE WAVE
TA = 25°C
4V
2V
0V
10µs/DIV
1006 G23
AV = 1
RL = 4.7k TO 5V
INPUT = 0V TO 3.8V
4V
2V
0V
10µs/DIV
1006 G24
AV = 1
RL = 4.7k TO GROUND
INPUT = 0V TO 3.8V
5V/DIV
50µs/DIV
1006 G25
AV = 1
Voltage Gain vs Frequency
Power Supply Rejection Ratio
vs Frequency
Gain, Phase vs Frequency
Small-Signal Transient Response,
VCC = ±2.5V to ±15V
Small-Signal Transient Response,
VS = 5V, 0V
100mV
0V
20µs/DIV
1006 G26
AV = 1
CL = 10pF
RL = 600Ω TO GND
INPUT = 0V TO 100mV PULSE
20mV/DIV
2µs/DIV
1006 G27
AV = 1
CL = 10pF


Similar Part No. - LT1006S8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
   Precision, Single Supply Op Amp?
More results

Similar Description - LT1006S8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
   Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
   Precision, Single Supply Op Amp?
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
   Precision, Single Supply Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
   Single Supply, Dual Precision Op Amp
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
   Micropower, Single Supply, Precision Op Amp
LT1077 LINER-LT1077_1 Datasheet
301Kb / 16P
   Micropower, Single Supply, Precision Op Amp
LT1077 LINER-LT1077_15 Datasheet
307Kb / 16P
   Micropower, Single Supply, Precision Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
   Single Supply, Dual Precision Op Amp
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
   Micropower, Dual, Single Supply Precision Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
   Micropower, Dual, Single-Supply Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com