Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST32HF402-70-4C-L3KE Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST32HF402-70-4C-L3KE
Description  Multi-Purpose Flash (MPF) SRAM ComboMemory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF402-70-4C-L3KE Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST32HF402-70-4C-L3KE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF402-70-4C-L3KE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF402-70-4C-L3KE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF402-70-4C-L3KE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF402-70-4C-L3KE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF402-70-4C-L3KE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF402-70-4C-L3KE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF402-70-4C-L3KE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF402-70-4C-L3KE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
Data Sheet
Multi-Purpose Flash (MPF) + SRAM ComboMemory
SST32HF202 / SST32HF402 / SST32HF802
©2005 Silicon Storage Technology, Inc.
S71209-06-000
5/05
The SST32HF202/402/802 devices are suited for applica-
tions that use both flash memory and SRAM memory to
store code or data. For systems requiring low power and
small form factor, the SST32HF202/402/802 devices signif-
icantly improve performance and reliability, while lowering
power consumption, when compared with multiple chip
solutions. The SST32HF202/402/802 inherently use less
energy during erase and program than alternative flash
technologies. The total energy consumed is a function of
the applied voltage, current, and time of application. Since
for any given voltage range, the SuperFlash technology
uses less current to program and has a shorter erase time,
the total energy consumed during any Erase or Program
operation is less than alternative flash technologies.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose
Erase and Program times increase with accumulated
Erase/Program cycles.
Device Operation
The ComboMemory uses BES# and BEF# to control oper-
ation of either the SRAM or the flash memory bank. When
BES# is low, the SRAM Bank is activated for Read and
Write operation. When BEF# is low the flash bank is acti-
vated for Read, Program or Erase operation. BES# and
BEF# cannot be at low level at the same time. If BES# and
BEF# are both asserted to low level bus contention will
result and the device may suffer permanent damage.
All address, data, and control lines are shared by SRAM
Bank and flash bank which minimizes power consumption
and loading. The device goes into standby when both bank
enables are high.
SRAM Operation
With BES# low and BEF# high, the SST32HF202/402/802
operate as 128K x16 CMOS SRAM, with fully static opera-
tion requiring no external clocks or timing strobes. The
SST32HF202/402/802 SRAM is mapped into the first 128
KWord address space. When BES# and BEF# are high,
both memory banks are deselected and the device enters
standby mode. Read and Write cycle times are equal. The
control signals UBS# and LBS# provide access to the
upper data byte and lower data byte. See Table 3 for SRAM
Read and Write data byte control modes of operation.
SRAM Read
The SRAM Read operation of the SST32HF202/402/802 is
controlled by OE# and BES#, both have to be low with
WE# high for the system to obtain data from the outputs.
BES# is used for SRAM bank selection. OE# is the output
control and is used to gate data from the output pins. The
data bus is in high impedance state when OE# is high. See
Figure 3 for the Read cycle timing diagram.
SRAM Write
The SRAM Write operation of the SST32HF202/402/802 is
controlled by WE# and BES#, both have to be low for the
system to write to the SRAM. During the Word-Write oper-
ation, the addresses and data are referenced to the rising
edge of either BES# or WE#, whichever occurs first. The
write time is measured from the last falling edge to the first
rising edge of BES# or WE#. See Figures 4 and 5 for the
Write cycle timing diagrams.
Flash Operation
With BEF# active, the SST32HF202 operates as 128K x16
flash memory, the SST32HF402 operates as 256K x16
flash memory, and the SST32HF802 operates as 512K
x16 flash memory. The flash memory bank is read using
the common address lines, data lines, WE# and OE#.
Erase and Program operations are initiated with the
JEDEC standard SDP command sequences. Address and
data are latched during the SDP commands and during the
internally-timed Erase and Program operations.
Flash Read
The Read operation of the SST32HF202/402/802 devices
is controlled by BEF# and OE#. Both have to be low, with
WE# high, for the system to obtain data from the outputs.
BEF# is used for flash memory bank selection. When
BEF# and BES# are high, both banks are deselected and
only standby power is consumed. OE# is the output con-
trol and is used to gate data from the output pins. The data
bus is in high impedance state when OE# is high. Refer to
Figure 6 for further details.


Similar Part No. - SST32HF402-70-4C-L3KE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF402-70-4C-L3K SST-SST32HF402-70-4C-L3K Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results

Similar Description - SST32HF402-70-4C-L3KE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com