Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST32HF402-70-4E-L3K Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST32HF402-70-4E-L3K
Description  Multi-Purpose Flash (MPF) SRAM ComboMemory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF402-70-4E-L3K Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST32HF402-70-4E-L3K Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
Data Sheet
Multi-Purpose Flash (MPF) + SRAM ComboMemory
SST32HF202 / SST32HF402 / SST32HF802
©2005 Silicon Storage Technology, Inc.
S71209-06-000
5/05
Flash Data# Polling (DQ7)
When the SST32HF202/402/802 flash memory banks are
in the internal Program operation, any attempt to read DQ7
will produce the complement of the true data. Once the
Program operation is completed, DQ7 will produce true
data. Note that even though DQ7 may have valid data
immediately following the completion of an internal Write
operation, the remaining data outputs may still be invalid:
valid data on the entire data bus will appear in subsequent
successive Read cycles, after an interval of 1 µs. During
internal Erase operation, any attempt to read DQ7 will pro-
duce a ‘0’. Once the internal Erase operation is completed,
DQ7 will produce a ‘1’. The Data# Polling is valid after the
rising edge of the fourth WE# (or BEF#) pulse for Program
operation. For Sector- or Block-Erase, the Data# Polling is
valid after the rising edge of the sixth WE# (or BEF#) pulse.
See Figure 9 for Data# Polling timing diagram and Figure
19 for a flowchart.
Flash Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating ‘1’s
and ‘0’s, i.e., toggling between 1 and 0. When the internal
Program or Erase operation is completed, the toggling will
stop. The flash memory bank is then ready for the next
operation. The Toggle Bit is valid after the rising edge of the
fourth WE# (or BEF#) pulse for Program operation. For
Sector- or Bank-Erase, the Toggle Bit is valid after the rising
edge of the sixth WE# (or BEF#) pulse. See Figure 10 for
Toggle Bit timing diagram and Figure 19 for a flowchart.
Flash Memory Data Protection
The SST32HF202/402/802 flash memory bank provides
both hardware and software features to protect nonvolatile
data from inadvertent writes.
Flash Hardware Data Protection
Noise/Glitch Protection: A WE# or BEF# pulse of less than
5 ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, BEF# high, or WE#
high will inhibit the Flash Write operation. This prevents
inadvertent writes during power-up or power-down.
Flash Software Data Protection (SDP)
The SST32HF202/402/802 provide the JEDEC approved
software data protection scheme for all flash memory bank
data alteration operations, i.e., Program and Erase. Any
Program operation requires the inclusion of a series of
three-byte sequence. The three-byte load sequence is
used to initiate the Program operation, providing optimal
protection from inadvertent Write operations, e.g., during
the system power-up or power-down. Any Erase operation
requires the inclusion of six-byte load sequence. The
SST32HF202/402/802 devices are shipped with the soft-
ware data protection permanently enabled. See Table 4 for
the specific software command codes. During SDP com-
mand sequence, invalid SDP commands will abort the
device to the Read mode, within Read cycle time (TRC).
Concurrent Read and Write Operations
The SST32HF202/402/802 provide the unique benefit of
being able to read from or write to SRAM, while simulta-
neously erasing or programming the Flash. This allows
data alteration code to be executed from SRAM, while alter-
ing the data in Flash. The following table lists all valid states.
The device will ignore all SDP commands when an Erase
or Program operation is in progress. Note that Product
Identification commands use SDP; therefore, these com-
mands will also be ignored while an Erase or Program
operation is in progress.
CONCURRENT READ/WRITE STATE TABLE
Flash
SRAM
Program/Erase
Read
Program/Erase
Write


Similar Part No. - SST32HF402-70-4E-L3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF402-70-4E-L3K SST-SST32HF402-70-4E-L3K Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results

Similar Description - SST32HF402-70-4E-L3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com